Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3724MPFE Datasheet(PDF) 21 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 21 Page - Linear Technology

Back Button 3724MPFE Datasheet HTML 16Page - Linear Technology 3724MPFE Datasheet HTML 17Page - Linear Technology 3724MPFE Datasheet HTML 18Page - Linear Technology 3724MPFE Datasheet HTML 19Page - Linear Technology 3724MPFE Datasheet HTML 20Page - Linear Technology 3724MPFE Datasheet HTML 21Page - Linear Technology 3724MPFE Datasheet HTML 22Page - Linear Technology 3724MPFE Datasheet HTML 23Page - Linear Technology 3724MPFE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3724
21
3724fc
TYPICAL APPLICATIONS
High Voltage LED Driver with Dimmer Control
4.5V to 20V Input to 12V at 25W Output SEPIC Converter with 60V Input Transient Capability
Efficiency and Power Loss
vs Load Current
4
VIN
SHDN
CSS
BURST_EN
VFB
VC
SGND
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
M1
ZXMN10A07F
M2
2N7002
OPTIONAL
DIMMER
CONTROL
1kHz
3724 TA03
LT3724
1
3
5
6
7
8
16
15
14
12
11
10
9
CVCC
1μF
16V
C1
100pF
R1
4.7M
RSENSE
0.5Ω
L1
300μH
LED
VIN
8V TO 60V
C1 = OPTIONAL TO REDUCE LED RIPPLE CURRENT
CIN = TDK, C4532X7R2A225K
D1 = DIODESINC., B170
M1 = ZETEX, ZXMN10A07F
RSENSE = VISHAY, WSL2010R0150FEA
L1 = COILTRONICS, CTX300-4
ADJUST ILED:
ILED =
0.15V
RSENSE
C1
(OPTIONAL)
D1
B170
4
RB
49.9k
RA
100k
R5
40.2k
RSENSE
0.010Ω
R2
130k
R1
14.7k
SHDN
CSS
R3
200k
BURST_EN
VFB
VC
SGND
TG
SW
VCC
PGND
SENSE+
SENSE–
1
3
5
6
7
8
16
15
14
12
11
10
9
C3
680pF
C2
120pF
R4
47k
C7
0.1μF
C1
390pF
CIN2
25V
1μF
CIN1
22μF
2x
25V
VIN
4.5V TO 20V
TO 60V
TRANSIENT
D1A
GSD2004
D3
D1N4148
L1
20μH
L1
20μH
D1B
GSD2004
D2
VOUT
12V AT 25W
COUT2
22μF
M1
3724 TA07a
VIN
BOOST
LT3724
C4
1μF
25V
COUT1
330μF
25V
16V
C6
56pF
R7
10Ω
R6
10Ω
C5
22μF
3x
25V
•
•
C5, CIN1, COUT2 = TDKC453X7R1E226M
COUT1 = SANYO, OS-CON 16SVP330M
D2 = ON SEMI, MBRD660
L1 = COILCRAFT VERSAPAC VP5-D83
M1 = VISHAY, Si7852DP
LOAD CURRENT (A)
0.1
92
91
90
89
88
87
86
85
3.5
3.0
2.5
2.0
1.5
1.0
0
0.5
110
3724 TA07b
VIN = 20V
VIN = 10V
VIN = 15V
LOSS
VIN = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com