Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3724MPFE Datasheet(PDF) 14 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 14 Page - Linear Technology

Back Button 3724MPFE Datasheet HTML 10Page - Linear Technology 3724MPFE Datasheet HTML 11Page - Linear Technology 3724MPFE Datasheet HTML 12Page - Linear Technology 3724MPFE Datasheet HTML 13Page - Linear Technology 3724MPFE Datasheet HTML 14Page - Linear Technology 3724MPFE Datasheet HTML 15Page - Linear Technology 3724MPFE Datasheet HTML 16Page - Linear Technology 3724MPFE Datasheet HTML 17Page - Linear Technology 3724MPFE Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3724
14
3724fc
APPLICATIONS INFORMATION
Step-Down Converter: Input Capacitor Selection
A local input bypass capacitor is required for buck convert-
ers because the input current is pulsed with fast rise and
fall times. The input capacitor selection criteria are based
on the bulk capacitance and RMS current capability. The
bulk capacitance will determine the supply input ripple
voltage. The RMS current capability is used to keep from
overheating the capacitor.
The bulk capacitance is calculated based on maximum
input ripple, ΔVIN:
CIN(BULK) =
IOUT(MAX) •VOUT
VIN •fSW •VIN(MIN)
ΔVIN is typically chosen at a level acceptable to the user.
100mV-200mV is a good starting point. Aluminum elec-
trolytic capacitors are a good choice for high voltage, bulk
capacitance due to their high capacitance per unit area.
The capacitor’s RMS current is:
ICIN(RMS) =IOUT
VOUT(VIN –VOUT)
(VIN)
2
If applicable, calculate it at the worst case condition,
VIN = 2VOUT. The RMS current rating of the capacitor
is specified by the manufacturer and should exceed the
calculated ICIN(RMS). Due to their low ESR (Equivalent
Series Resistance), ceramic capacitors are a good choice
for high voltage, high RMS current handling. Note that the
ripple current ratings from aluminum electrolytic capacitor
manufacturers are based on 2000 hours of life. This makes
it advisable to further derate the capacitor or to choose a
capacitor rated at a higher temperature than required.
The combination of aluminum electrolytic capacitors and
ceramic capacitors is an economical approach to meet-
ing the input capacitor requirements. The capacitor volt-
age rating must be rated greater than VIN(MAX). Multiple
capacitors may also be paralleled to meet size or height
requirements in the design. Locate the capacitor very close
to the MOSFET switch and use short, wide PCB traces to
minimize parasitic inductance.
Step-Down Converter: Output Capacitor Selection
The output capacitance, COUT, selection is based on the
design’s output voltage ripple, ΔVOUT, and transient load
requirements. ΔVOUT is a function of ΔIL and the COUT
ESR. It is calculated by:
VOUT = IL •ESR +
1
(8 • fSW •COUT)
The maximum ESR required to meet a ΔVOUT design
requirement can be calculated by:
ESR(MAX)
=
( VOUT)(L)(fSW)
VOUT •1–
VOUT
VIN(MAX)
Worst-case ΔVOUT occurs at highest input voltage. Use
paralleled multiple capacitors to meet the ESR require-
ments. Increasing the inductance is an option to lower the
ESR requirements. For extremely low ΔVOUT, an additional
LC filter stage can be added to the output of the supply.
Application Note 44 has some good tips on sizing an ad-
ditional output filter.
Output Voltage Programming
A resistive divider sets the DC output voltage according
to the following formula:
R2
=R1
VOUT
1.231V
–1
The external resistor divider is connected to the output
of the converter as shown in Figure 2. Tolerance of the
feedback resistors will add additional error to the output
voltage.
Example: VOUT = 12V; R1 = 10kΩ
R2
= 10k
12V
1.231V
1
= 87.48k
use 86.6k 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com