Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3724MPFE Datasheet(PDF) 4 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 4 Page - Linear Technology

  3724MPFE Datasheet HTML 1Page - Linear Technology 3724MPFE Datasheet HTML 2Page - Linear Technology 3724MPFE Datasheet HTML 3Page - Linear Technology 3724MPFE Datasheet HTML 4Page - Linear Technology 3724MPFE Datasheet HTML 5Page - Linear Technology 3724MPFE Datasheet HTML 6Page - Linear Technology 3724MPFE Datasheet HTML 7Page - Linear Technology 3724MPFE Datasheet HTML 8Page - Linear Technology 3724MPFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3724
4
3724fc
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Threshold (Rising)
vs Temperature
Shutdown Threshold (Falling)
vs Temperature
VCC vs Temperature
VCC vs ICC(LOAD)
VCC vs VIN
ICC Current Limit vs Temperature
3724 G01
1.38
1.37
1.36
1.35
1.34
1.33
1.32
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
3724 G02
TEMPERATURE (°C)
–50
1.26
1.25
1.24
1.23
1.22
1.21
1.20
25
75
–25
0
50
100
125
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
3724 G03
8.2
8.1
8.0
7.9
7.8
7.7
7.6
7.5
ICC = 20mA
3724 G04
ICC (LOAD) (mA)
0
8.2
8.1
8.0
7.9
7.8
7.7
7.6
7.5
15
25
510
20
30
35
TA = 25°C
3724 G05
VIN (V)
9
8
7
6
5
4
3
4
6
8
9
57
10
11
12
ICC = 20mA
TA = 25°C
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
3724 G06
70
60
50
40
30
20
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3724 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LT3724E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the – 40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3724I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3724MP is 100% tested and guaranteed over
the –55°C to 125°C operating junction temperature range.
Note 4: VIN voltages below the start-up threshold (7.5V) are only
supported when the VCC is externally driven above 6.5V.
Note 5: Operating range is dictated by MOSFET absolute maximum VGS.
Note 6: Supply current specification does not include switch drive
currents. Actual supply currents will be higher.
Note 7: DC measurement of gate drive output “ON” voltage is typically
8.6V. Internal dynamic bootstrap operation yields typical gate “ON”
voltages of 9.8V during standard switching operation. Standard operation
gate “ON” voltage is not tested but guaranteed by design.
Note 8: The –1V absolute maximum on the SW pin is a transient condition.
It is guaranteed by design and not subject to test.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com