Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1060CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1060CSW
Description  Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1060CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1060CSW Datasheet HTML 1Page - Linear Technology LTC1060CSW Datasheet HTML 2Page - Linear Technology LTC1060CSW Datasheet HTML 3Page - Linear Technology LTC1060CSW Datasheet HTML 4Page - Linear Technology LTC1060CSW Datasheet HTML 5Page - Linear Technology LTC1060CSW Datasheet HTML 6Page - Linear Technology LTC1060CSW Datasheet HTML 7Page - Linear Technology LTC1060CSW Datasheet HTML 8Page - Linear Technology LTC1060CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1060
1060fb
Universal Dual Filter
Building Block
DESCRIPTIO
APPLICATIO S
■
Guaranteed Filter Specification for ±2.37V and
±5V Supply
■
Operates Up to 30kHz
■
Low Power and 88dB Dynamic Range at ±2.5V Supply
■
Center Frequency Q Product Up to 1.6MHz
■
Guaranteed Offset Voltages
■
Guaranteed Clock-to-Center Frequency Accuracy Over
Temperature:
0.3% for LTC1060A
0.8% for LTC1060
■
Guaranteed Q Accuracy Over Temperature
■
Low Temperature Coefficient of Q and Center
Frequency
■
Low Crosstalk, 70dB
■
Clock Inputs TTL and CMOS Compatible
■
Single 5V Supply Medium Frequency Filters
■
Very High Q and High Dynamic Range Bandpass,
Notch Filters
■
Tracking Filters
■
Telecom Filters
Single 5V, Gain of 1000 4th Order Bandpass Filter
The LTC
®1060 consists of two high performance, switched
capacitor filters. Each filter, together with 2 to 5 resistors,
can produce various 2nd order filter functions such as
lowpass, bandpass, highpass notch and allpass. The
center frequency of these functions can be tuned by an
external clock or by an external clock and resistor ratio. Up
to 4th order full biquadratic functions can be achieved by
cascading the two filter blocks. Any of the classical filter
configurations (like Butterworth, Chebyshev, Bessel, Cauer)
can be formed.
The LTC1060 operates with either a single or dual supply
from ±2.37V to ±8V. When used with low supply
(i.e. single 5V supply), the filter typically consumes 12mW
and can operate with center frequencies up to 10kHz. With
±5V supply, the frequency range extends to 30kHz and
very high Q values can also be obtained.
The LTC1060 is manufactured by using Linear
Technology’s enhanced LTCMOS™ silicon gate process.
Because of this, low offsets, high dynamic range, high
center frequency Q product and excellent temperature
stability are obtained.
The LTC1060 is pinout compatible with MF10.
FEATURES
TYPICAL APPLICATIO
Amplitude Response
LTC1060 • TA01
VIN
1mV(RMS)
0.1µF
3.16k
3.16k
100k
2k
100k
LTC1060
2k
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
5V
5V
OUTPUT
1k
1k
CLOCK IN
17.5kHz
INPUT FREQUENCY (Hz)
0
30
50
275
LTC1060 • TA02
10
–10
125
175
225
100
150
200
250
70
20
40
0
60
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTCMOS trademark of Linear Technology Corporation.


Similar Part No. - LTC1060CSW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC1060CSW AD-LTC1060CSW Datasheet
264Kb / 20P
Universal Dual Filter Building Block
REV B
More results

Similar Description - LTC1060CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LTC1061 LINER-LTC1061 Datasheet
352Kb / 16P
High Performance Triple Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
High Performance Triple Universal Filter Building Block?
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1061 LINER-LTC1061_09 Datasheet
329Kb / 16P
High Performance Triple Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
High Performance Triple Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com