Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1060CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1060CSW
Description  Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1060CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1060CSW Datasheet HTML 1Page - Linear Technology LTC1060CSW Datasheet HTML 2Page - Linear Technology LTC1060CSW Datasheet HTML 3Page - Linear Technology LTC1060CSW Datasheet HTML 4Page - Linear Technology LTC1060CSW Datasheet HTML 5Page - Linear Technology LTC1060CSW Datasheet HTML 6Page - Linear Technology LTC1060CSW Datasheet HTML 7Page - Linear Technology LTC1060CSW Datasheet HTML 8Page - Linear Technology LTC1060CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1060
1060fb
Graph 10. Mode 1:
(fCLK/f0) vs fCLK and Q
Graph 11. Mode 1:
(fCLK/f0) vs fCLK and Q
Graph 12. Mode 1: (fCLK/f0) vs fCLK
and Temperature
Graph 13. Mode 1: (fCLK/f0) vs
fCLK and Temperature
Graph 14. Mode 1:
Notch Depth vs Clock Frequency
Graph 15. Mode 3: Deviation of
(fCLK/f0) with Respect to Q = 10
Measurement
Graph 16. Mode 3:
Q Error vs Clock Frequency
Graph 17. Mode 3 (R2 = R4):
Q Error vs Clock Frequency
Graph 18. Mode 3 (R2 = R4):
Measured Q vs fCLK and
Temperature
= 100:1
fCLK
f0
VS= ±2.5V
TA = 25°C
fCLK (MHz)
0
0.6
0.8
1.0
300
500
LTC1060 • TPC10
0.4
0.2
100
200
400
600
700
0
–0.2
Q = 50
Q = 5
Q = 20
Q = 10
= 50:1
fCLK
f0
VS= ±2.5V
TA = 25°C
fCLK (MHz)
0
0.4
0.6
0.8
300
500
LTC1060 • TPC11
0.2
0
100
200
400
600
700
– 0.2
–0.4
Q = 5
Q = 10
Q = 20
Q = 50
fCLK (kHz)
0
0
0.2
0.4
0.6
1
0.2
0.4
0.6
0.8
LTC1060 • TPC12
1.0
1.2
0.8
= 100:1
fCLK
f0
VS= ±2.5V
Q = 10
–55°C
TA = 25°C
85°C
125°C
fCLK (kHz)
0
0
0.2
–0.2
0.4
0.6
1.0
0.2
0.4
0.6
0.8
LTC1060 • TPC13
1.0
1.2
0.8
= 50:1
fCLK
f0
VS= ±2.5V
Q = 10
–55°C
TA = 25°C
85°C
125°C
fCLK (MHz)
0
0
20
40
60
80
0.4
0.8
1.2
1.6
LTC1060 • TPC14
100
120
0.2
0.6
1.0
1.4
VS= ±5V
TA = 25°C
VIN = 1VRMS
Q = 10
100:1 Q = 1
100:1
Q = 10
50:1
IDEAL Q
(A)
(B)
0.1
–0.2
–0.1
0
0.1
110
100
LTC1060 • TPC15
–0.3
–0.4
–0.5
= 500: 1
fCLK
fO
R2
=
R4
1
5
= 200: 1
fCLK
fO
R2
=
R4
1
2
VS= ±5V
TA = 25°C
PIN 12 AT 100:1
fCLK (MHz)
0.2
0
10
0
10
20
0.6
1.0 1.2
2.0
LTC1060 • TPC17
20
0.4
0.8
1.4 1.6 1.8
= 100:1
fCLK
f0
VS = ±7.5V
TA = 25°C
Q = 5
Q = 5
50
= 50:1
50
10
10
fCLK
f0
= 50:1
fCLK
f0
= 100:1
fCLK
f0
VS= ±5V
Q = 10
fCLK (MHz)
0.2
–20
0
20
0
0.6
1.0
1.4
1.8
LTC1060 • TPC18
20
40
–20
40
0.4
0.8
1.2
1.6
–55°C
–55°C
125°C
85°C
TA = 25°C
125°C
85°C
TA = 25°C
fCLK (MHz)
0.2
0
10
0
10
20
0.6
1.0 1.2
2.0
LTC1060 • TPC16
20
0.4
0.8
1.4 1.6 1.8
= 50:1
fCLK
f0
= 100:1
fCLK
f0
TA = 25°C
10
20
20
50
Q = 5
Q = 5
Q = 5
20
20
10
10
VS = ±2.5V
VS = ±5V
VS = ±2.5V
VS = ±5V
50
50
Q = 5
10
50
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com