Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1060CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1060CSW
Description  Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1060CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1060CSW Datasheet HTML 2Page - Linear Technology LTC1060CSW Datasheet HTML 3Page - Linear Technology LTC1060CSW Datasheet HTML 4Page - Linear Technology LTC1060CSW Datasheet HTML 5Page - Linear Technology LTC1060CSW Datasheet HTML 6Page - Linear Technology LTC1060CSW Datasheet HTML 7Page - Linear Technology LTC1060CSW Datasheet HTML 8Page - Linear Technology LTC1060CSW Datasheet HTML 9Page - Linear Technology LTC1060CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1060
1060fb
Graph 19. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Q
Graph 20. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Q
Graph 21. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 22. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 23. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 24. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 25. Mode 1c (R5 = 0),
Mode 2 (R2 = R4) Q Error vs
Clock Frequency
Graph 26.Supply Current vs
Supply Voltage
= 100:1
fCLK
f0
VS= ± 5V
TA = 25°C
fCLK (MHz)
0
0.4
0.6
0.8
0.6
1.0
LTC1060 • TPC19
0.2
0
0.2
0.4
0.8
1.2
1.4
–0.2
–0.4
Q = 20, Q = 40, Q = 50
Q = 5
Q = 10
= 50:1
fCLK
f0
VS= ± 5V
TA = 25°C
fCLK (MHz)
0
0.4
0.6
0.8
0.6
1.0
LTC1060 • TPC20
0.2
0
0.2
0.4
0.8
1.2
1.4
–0.2
–0.4
Q = 10
Q = 5
Q = 50
Q = 20
= 100:1
fCLK
f0
VS= ± 5V
Q = 10
fCLK (MHz)
0.2
–0.2
0
0.2
0.6
0.6
1.0
1.4
1.8
LTC1060 • TPC21
0.8
0.4
1.0
0.4
0.8
1.2
1.6
85°C
125°C
TA = 25°C
–55°C
= 100:1
fCLK
f0
VS= ±5V
Q = 10
fCLK (MHz)
0.2
0
0.2
0.6
0.6
1
1.4
1.8
LTC1060 • TPC22
0.8
0.4
1.0
0.4
0.8
1.2
1.6
85°C
–55°C
125°C
TA = 25°C
fCLK (MHz)
0
–0.2
–0.4
0
0.2
0.4
0.8
0.2
0.4
0.6
0.8
LTC1060 • TPC23
1.0
1.2
0.6
= 100:1
fCLK
f0
VS= ± 2.5V
Q = 10
–55°C
TA = 25°C
85°C
125°C
fCLK (MHz)
0
0
0.2
0.4
0.6
1.0
0.2
0.4
0.6
0.8
LTC1060 • TPC24
1.0
0.8
= 100:1
fCLK
f0
VS= ±2.5V
Q = 10
–55°C
TA = 25°C
85°C
125°C
fCLK
f0
70.7
1
fCLK
f0
35.37
1
VS= ±5V
TA = 25°C
fCLK (MHz)
0
10
20
0.6
1.0
LTC1060 • TPC25
0
20
0.2
0.4
0.8
1.2
1.4
10
0
MODE 2
R2 = R4
=
Q = 10
Q = 10
Q = 20
Q = 20
MODE 2
R2 = R4
20
20
SUPPLY VOLTAGE (±V)
0
2
4
6
8
10
12
14
16
18
20
±3
±5
±7
±9
LTC1060 • TPC26
±11
±2
±1
±4
±6
±8
±10
fCLK ≤ 1MHz
TA = –55°C
TA = 25°C
TA = 125°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com