Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1060CSW Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1060CSW
Description  Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1060CSW Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1060CSW Datasheet HTML 12Page - Linear Technology LTC1060CSW Datasheet HTML 13Page - Linear Technology LTC1060CSW Datasheet HTML 14Page - Linear Technology LTC1060CSW Datasheet HTML 15Page - Linear Technology LTC1060CSW Datasheet HTML 16Page - Linear Technology LTC1060CSW Datasheet HTML 17Page - Linear Technology LTC1060CSW Datasheet HTML 18Page - Linear Technology LTC1060CSW Datasheet HTML 19Page - Linear Technology LTC1060CSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1060
1060fb
Figure 22. Combining Mode 3 with Mode 2b to Create a 4th
Order BR Elliptic Filter with 1dB Ripple and a Ratio of 0dB to
Stop Bandwidth Equal to 9/1.
Figure 23. Amplitude Response of the Notch Filter of Figure 22
Switched capacitor integrators generally exhibit higher
input offsets than discrete R, C integrators. These offsets
are mainly due to the charge injection of the CMOS
switches into the integrating capacitors and they are
temperature independent.
The internal op amp offsets also add to the overall offset
budget and they are typically a couple of millivolts. Be-
cause of this, the DC output offsets of switched capacitor
filters are usually higher than the offsets of discrete active
filters.
Figure 24 shows half of an LTC1060 filter building block
with its equivalent input offsets VOS1, VOS2, VOS3. All three
are 100% tested for both sides of the LTC1060. VOS2 is
generally the larger offset. When the SA/B, Pin 6, of the
LTC1060 is shorted to the negative supply (i.e., mode 3),
the value of the VOS2 decreases. Additionally, with SA/B
low, a 20% to 30% noise reduction is observed. Mode 1
can still be achieved, if desired, by shorting the S1 pin to
the lowpass output (Figure 25).
LTC1060 • CM04
VIN
R31
R21
R52
R32
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V+ = – 5V
–5V
VOUT
T2L OR CMOS
CLOCK IN
R41
RL1
RH1
R22
R62
R42
LPA
BPA
HPA
INVA
S1A
SA/B
VA
+
VD
+
LSh
CLKA
LPB
BPB
NB
INVB
S1B
AGND
VA
–
VD
–
50/100
CLKB
LTC1060
R11
RESISTOR VALUES
R11 = 60k
R41 = 28.84k
R52 = 5k
R32 = 455.75k
R21 = 5k
RH1 = 5k
R62 = 1.59k
R42 = 503.85k
R31 = 54.75k
RL1 = 19.3k
R22 = 60k
V– = – 5V
0.7
–30
–20
–10
0
1.1
1.2
1.3
–60
–50
–40
0.9
0.8
f0 = 1.0
INPUT FREQUENCY NORMALIZED TO FILTER CENTER FREQUENCY
TLC1060 • CMO05
fCLK
f0
200
1
=; fCLK ≤ 1MHz
+
(17)
4
++
–
–
–
–
–
+
(18)
(16)
(19)
(20)
15
VOS1
VOS2
3
5
Σ
TLC1060 • LO01
1
2
–
+
–
+
+
–
VOS3
Figure 24. Equivalent Input Offsets of 1/2 LTC1060 Filter
Building Block
Figure 25. Mode 1(LN): Same Operation as Mode 1 but Lower
VOS2 Offset and Lower Noise
LTC1060 OFFSETS
COMM E TS ON THE M ODES OF OPERATIO
1/2 LTC1060
SA/B
VIN
1
+
–
–
–
+
R3
R2
R1
N
(18)
LP
(20)
BP
(19)
S1A
(16)
V –
(17)
15
4
3
5
2
Σ
6
TLC1060 • LO02
∫
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com