Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1060CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1060CSW
Description  Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1060CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1060CSW Datasheet HTML 1Page - Linear Technology LTC1060CSW Datasheet HTML 2Page - Linear Technology LTC1060CSW Datasheet HTML 3Page - Linear Technology LTC1060CSW Datasheet HTML 4Page - Linear Technology LTC1060CSW Datasheet HTML 5Page - Linear Technology LTC1060CSW Datasheet HTML 6Page - Linear Technology LTC1060CSW Datasheet HTML 7Page - Linear Technology LTC1060CSW Datasheet HTML 8Page - Linear Technology LTC1060CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1060
1060fb
The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Complete Filter) VS = ±2.37V.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range
f0 • Q ≤ 100kHz
0.1 to 10k
Hz
Clock-to-Center Frequency Ratio
LTC1060A
Mode 1, 50:1, fCLK = 250kHz, Q = 10
●
50 ± 0.5%
LTC1060
Mode 1, 50:1, fCLK = 250kHz, Q = 10
50 ± 0.8%
LTC1060A
Mode 1, 100:1, fCLK = 250kHz, Q = 10
●
100 ± 0.5%
LTC1060
Mode 1, 100:1, fCLK = 250kHz, Q = 10
100 ± 0.8%
Q Accuracy
LTC1060A
Mode1, 50:1 or 100:1, f0 = 2.5kHz, Q = 10
±2%
LTC1060
Mode1, 50:1 or 100:1, f0 = 2.5kHz, Q = 10
±4%
Max Clock Frequency
500
kHz
Power Supply Current
2.5
4
mA
The ● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
(Internal Op Amps).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
±2.37
±8V
Voltage Swings
LTC1060A
±4
±4V
LTC01060
VS = ±5V,RL = 5k (Pins 1,2,19,20)
± 3.8
±4V
LTC01060, LTC01060A
RL = 3.5k (Pins 3,18)
●
±3.6
±4V
Output Short-Circuit Current
VS = ±5V
Source
25
mA
Sink
3mA
Op Amp GBW Product
VS = ±5V
2
MHz
Op Amp Slew Rate
VS = ±5V
7
V/µs
Op Amp DC Open Loop Gain
RL = 10k, VS = ±5V
85
dB
AGND
TO AGND
INVB
CLKA
CLKB
50/100/HOLD
LEVEL SHIFT
S2A
S2B
INVA
+
–
–
+
–
–
LTC1060 • BD01
+
–
+
–
LEVEL
SHIFT
NON-OVERLAP
CLOCK
LEVEL
SHIFT
NON-OVERLAP
CLOCK
CONTROL
17
11
9
12
10
15
4
VD
+ V
A
+
BPA
LPA
N/AP/HPA S1A
8
7
3
5
2
1
VD
– V
A
–
14
13
19
20
18
BPB
LPB
N/AP/HPB S1B
16
SAB
6
∑
∑
∫∫
∫∫
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com