Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1060CSW Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1060CSW
Description  Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1060CSW Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1060CSW Datasheet HTML 12Page - Linear Technology LTC1060CSW Datasheet HTML 13Page - Linear Technology LTC1060CSW Datasheet HTML 14Page - Linear Technology LTC1060CSW Datasheet HTML 15Page - Linear Technology LTC1060CSW Datasheet HTML 16Page - Linear Technology LTC1060CSW Datasheet HTML 17Page - Linear Technology LTC1060CSW Datasheet HTML 18Page - Linear Technology LTC1060CSW Datasheet HTML 19Page - Linear Technology LTC1060CSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1060
1060fb
mode 2b section (Figure 22), has a gain exceeding unity
which limits the dynamic range of the overall filter. For
very selective bandpass/bandreject filters, the mode 3a
approach, as in Figure 20, yields better dynamic range
since the external op amp helps to optimize the dynamics
of the output nodes of the LTC1060.
Figure 20. Combining Mode 3 with Mode 3a to Make The 4th Order BP Filter of Figure 21 with Improved
Dynamics. The Gain at Each Output Node is ≤ 0dB for all Input Frequencies.
Figure 21. The BP Filter of Figure 20, When Swept From a 2kHz to 20kHz Center Frequency.
1.5kHz
–30dB
–20dB
–10dB
0dB
2.5kHz
–50dB
–40dB
2kHz
1.75kHz
2.25kHz
fCLK = 100kHz
15kHz
–30dB
–20dB
–10dB
0dB
25kHz
–50dB
–40dB
20kHz
17.5kHz
22.5kHz
fCLK = 1MHz
TLC1060 • CMO03
LTC1060 • CM02
VIN
R42
R32
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V+ = 7.5V
–7.5V
VOUT
T2L OR CMOS
CLOCK IN
R22
LTC1060
R11
7.5V
PRECISE RESISTOR VALUES
R11 = 155.93k
RH1 = 13.2k
R42 = 5k
NOTE: FOR CLOCK FREQUENCIES ABOVE 700kHz, A 12pF CAPACITOR ACROSS R41 AND A 20pF
CAPACITOR ACROSS R42 WERE USED TO PREVENT THE PASSBAND RIPPLE FROM ANY
ADDITIONAL PEAKING
R21 = 5k
RL1 = 10.74k
RL2 = 6.11k
R31 = 152k
R22 = 5.26k
RH2 = 5k
R41 = 5.27k
R32 = 151.8k
RG = 37.3k
–7.5V
R31
R21
R41
RL1
RH1
RL2
RH2
–
+
RG
EXTERNAL
OP AMP
LPA
BPA
HPA
INVA
S1A
SA/B
VA
+
VD
+
LSh
CLKA
LPB
BPB
HPB
INVB
S1B
AGND
VA
–
VD
–
50/100
CLKB
COMM E TS ON THE M ODES OF OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com