Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4570 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC4570
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4570 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC4570 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4570
S-PARAMETER
VCE = 5 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.887
-16.9
8.517
156.4
0.024
76.9
0.940
-13.3
200
0.781
-34.4
8.107
140.8
0.042
68.3
0.832
-22.8
300
0.663
-49.9
7.483
127.9
0.057
62.6
0.735
-28.2
400
0.555
-63.2
6.775
117.0
0.067
60.4
0.662
-31.4
500
0.456
-74.9
6.086
107.9
0.076
59.2
0.606
-33.4
600
0.388
-83.6
5.369
100.7
0.085
58.1
0.567
-35.0
700
0.328
-92.0
4.815
94.4
0.094
58.3
0.540
-36.3
800
0.285
-99.2
4.342
89.2
0.103
57.9
0.520
-37.6
900
0.250
-106.3
3.955
84.3
0.111
58.0
0.503
-38.8
1000
0.223
-113.2
3.618
80.2
0.122
56.7
0.490
-40.1
1100
0.201
-120.2
3.334
76.5
0.129
57.1
0.482
-41.5
1200
0.184
-127.0
3.101
72.8
0.138
56.5
0.474
-42.9
1300
0.169
-133.9
2.899
69.4
0.147
55.9
0.467
-44.4
1400
0.159
-140.6
2.724
66.0
0.156
55.6
0.463
-45.7
1500
0.150
-148.7
2.561
63.1
0.166
55.0
0.457
-47.1
1600
0.145
-155.8
2.428
60.1
0.174
54.2
0.453
-48.4
1700
0.141
-162.4
2.314
57.1
0.183
53.5
0.448
-49.8
1800
0.137
-168.8
2.206
54.5
0.193
53.2
0.445
-51.3
1900
0.136
-175.8
2.114
51.6
0.201
52.4
0.439
-52.7
2000
0.139
-177.0
2.029
48.8
0.210
51.4
0.429
-54.9
2100
0.140
-170.8
1.946
46.4
0.219
50.6
0.423
-56.7
2200
0.141
-165.7
1.875
43.9
0.229
49.5
0.417
-58.9
2300
0.145
-160.2
1.816
41.3
0.239
48.5
0.413
-61.1
2400
0.148
-155.2
1.757
38.9
0.247
47.7
0.406
-63.7
2500
0.154
-150.9
1.708
36.4
0.258
46.3
0.401
-66.8
2600
0.158
-146.8
1.658
34.1
0.266
45.5
0.397
-70.0
2700
0.163
-142.4
1.614
31.8
0.273
44.3
0.393
-73.0
2800
0.167
-138.3
1.570
29.5
0.284
43.3
0.394
-76.5
2900
0.173
-135.3
1.534
27.3
0.291
42.4
0.395
-79.8
3000
0.179
-131.3
1.498
25.1
0.299
41.2
0.396
-82.7
isc Website:www.iscsemi.cn
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com