Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4570 Datasheet(PDF) 6 Page - Inchange Semiconductor Company Limited

Part # 2SC4570
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4570 Datasheet(HTML) 6 Page - Inchange Semiconductor Company Limited

  2SC4570 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4570
VCE = 5 V, IC = 1 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.974
-8.7
1.934
166.8
0.026
83.1
0.993
-5.8
200
0.957
-18.0
1.952
156.5
0.051
76.3
0.970
-11.2
300
0.922
-27.1
1.975
146.8
0.073
69.1
0.941
-16.4
400
0.882
-35.5
1.960
138.2
0.092
63.4
0.911
-20.8
500
0.837
-44.3
1.956
130.5
0.108
58.5
0.874
-24.9
600
0.793
-52.1
1.846
122.9
0.123
54.3
0.844
-28.6
700
0.741
-60.0
1.815
115.4
0.133
50.5
0.812
-32.0
800
0.693
-67.7
1.768
108.5
0.142
47.2
0.785
-34.9
900
0.645
-75.0
1.726
102.2
0.148
44.9
0.757
-37.7
1000
0.596
-82.7
1.706
96.0
0.155
42.6
0.735
-40.1
1100
0.547
-90.0
1.668
90.3
0.160
40.8
0.716
-42.3
1200
0.504
-97.0
1.625
84.9
0.166
39.7
0.704
-44.6
1300
0.470
-103.2
1.568
79.9
0.170
38.8
0.690
-46.6
1400
0.438
-109.9
1.523
75.1
0.174
37.9
0.680
-48.4
1500
0.410
-116.0
1.461
70.9
0.178
37.2
0.669
-50.1
1600
0.386
-122.2
1.421
66.6
0.180
36.9
0.660
-52.0
1700
0.362
-128.5
1.376
62.5
0.184
36.6
0.651
-53.8
1800
0.344
-134.4
1.331
58.9
0.189
36.3
0.643
-55.7
1900
0.329
-140.3
1.293
55.2
0.193
36.5
0.635
-57.7
2000
0.312
-147.2
1.261
51.8
0.198
36.3
0.626
-59.7
2100
0.302
-153.2
1.225
48.5
0.201
36.5
0.618
-61.8
2200
0.293
-158.9
1.189
45.2
0.206
36.4
0.613
-64.3
2300
0.285
-165.1
1.166
42.2
0.211
36.6
0.605
-66.7
2400
0.280
-170.8
1.129
39.2
0.217
36.4
0.600
-69.6
2500
0.276
-176.5
1.107
36.4
0.222
36.4
0.594
-72.6
2600
0.272
177.7
1.078
33.6
0.228
36.7
0.591
-75.9
2700
0.271
172.4
1.055
30.9
0.233
36.4
0.588
-79.1
2800
0.270
167.1
1.030
28.3
0.241
36.4
0.589
-82.4
2900
0.270
162.1
1.012
26.0
0.247
36.4
0.588
-85.6
3000
0.271
157.0
0.989
23.6
0.253
36.4
0.588
-88.6
isc Website:www.iscsemi.cn
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com