Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4570 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC4570
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4570 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC4570 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4570
VCE = 5 V, IC = 3 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.929
-14.0
5.432
162.2
0.025
78.4
0.968
-10.1
200
0.868
-26.8
5.334
147.4
0.046
70.8
0.900
-18.5
300
0.785
-39.6
5.158
135.7
0.063
64.4
0.823
-24.5
400
0.700
-51.3
4.873
125.9
0.076
59.3
0.756
-29.0
500
0.613
-62.7
4.628
116.9
0.086
56.7
0.698
-32.2
600
0.543
-71.7
4.216
109.1
0.096
55.1
0.656
-34.8
700
0.469
-80.8
3.934
101.8
0.103
53.8
0.620
-36.7
800
0.412
-88.7
3.645
95.5
0.112
52.9
0.594
-38.6
900
0.363
-96.1
3.383
89.9
0.119
52.4
0.572
-40.0
1000
0.323
-102.8
3.153
84.8
0.126
51.5
0.554
-41.6
1100
0.290
-109.7
2.936
80.4
0.135
51.6
0.542
-43.0
1200
0.262
-116.1
2.752
76.2
0.143
51.6
0.534
-44.8
1300
0.241
-122.4
2.577
72.3
0.149
51.3
0.523
-46.1
1400
0.224
-129.3
2.438
68.6
0.157
50.5
0.517
-47.4
1500
0.208
-136.0
2.310
65.3
0.165
50.4
0.509
-48.9
1600
0.197
-142.4
2.193
61.9
0.173
50.1
0.502
-50.2
1700
0.189
-148.9
2.095
58.7
0.181
49.4
0.497
-51.6
1800
0.180
-155.2
2.000
55.7
0.189
49.1
0.491
-53.2
1900
0.174
-161.7
1.918
52.7
0.198
48.7
0.484
-54.9
2000
0.171
-169.2
1.848
49.9
0.207
48.1
0.478
-56.8
2100
0.170
-175.5
1.779
47.1
0.215
47.6
0.469
-58.6
2200
0.168
178.7
1.719
44.2
0.223
46.8
0.464
-60.9
2300
0.169
172.8
1.664
41.7
0.231
46.0
0.458
-63.1
2400
0.170
167.5
1.609
39.1
0.239
45.4
0.452
-65.7
2500
0.173
162.3
1.566
36.6
0.248
44.4
0.446
-68.7
2600
0.175
157.6
1.522
34.1
0.257
43.6
0.443
-72.0
2700
0.179
152.6
1.483
31.6
0.263
42.6
0.440
-74.9
2800
0.183
147.9
1.444
29.2
0.274
42.0
0.440
-78.3
2900
0.187
144.0
1.411
26.9
0.282
40.9
0.441
-81.4
3000
0.191
139.8
1.380
24.7
0.289
40.1
0.442
-84.5
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com