Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4570 Datasheet(PDF) 7 Page - Inchange Semiconductor Company Limited

Part # 2SC4570
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4570 Datasheet(HTML) 7 Page - Inchange Semiconductor Company Limited

  2SC4570 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4570
VCE = 3 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.879
-17.8
8.523
155.5
0.027
75.6
0.932
-15.0
200
0.768
-36.6
8.074
139.8
0.047
66.8
0.812
-25.5
300
0.646
-53.1
7.436
126.6
0.061
61.3
0.704
-31.5
400
0.536
-67.3
6.691
115.7
0.073
58.7
0.627
-35.1
500
0.442
-80.0
5.987
106.5
0.082
57.5
0.568
-37.3
600
0.375
-89.5
5.261
99.5
0.092
56.7
0.528
-39.0
700
0.319
-98.7
4.707
93.2
0.101
56.9
0.496
-40.3
800
0.279
-106.9
4.239
87.9
0.110
56.5
0.475
-41.7
900
0.247
-114.8
3.852
83.3
0.120
56.0
0.456
-42.8
1000
0.222
-122.5
3.526
79.1
0.129
55.4
0.443
-44.2
1100
0.203
-130.1
3.239
75.1
0.139
55.6
0.434
-45.6
1200
0.189
-137.5
3.013
71.5
0.148
55.0
0.427
-47.0
1300
0.178
-144.8
2.814
68.2
0.157
54.6
0.419
-48.3
1400
0.170
-152.1
2.641
64.8
0.167
54.2
0.415
-49.7
1500
0.163
-159.6
2.498
62.0
0.177
53.4
0.408
-51.0
1600
0.160
-166.3
2.366
58.8
0.187
52.5
0.403
-52.4
1700
0.159
-173.0
2.245
55.9
0.196
51.8
0.398
-54.0
1800
0.156
-178.7
2.145
52.9
0.205
51.3
0.392
-55.4
1900
0.157
175.0
2.051
50.5
0.215
50.4
0.385
-57.0
2000
0.161
168.3
1.974
47.7
0.224
49.5
0.378
-59.0
2100
0.164
163.1
1.903
45.1
0.234
48.8
0.370
-60.7
2200
0.166
158.3
1.828
42.6
0.244
47.5
0.364
-63.4
2300
0.170
153.3
1.771
40.1
0.253
46.4
0.359
-65.7
2400
0.173
149.2
1.714
37.6
0.262
45.5
0.353
-68.6
2500
0.179
145.1
1.664
35.2
0.272
44.5
0.347
-71.8
2600
0.183
141.2
1.613
32.9
0.282
43.3
0.345
-75.2
2700
0.189
137.8
1.573
30.5
0.291
42.2
0.340
-78.6
2800
0.193
133.9
1.530
28.2
0.300
40.9
0.342
-82.2
2900
0.199
130.8
1.494
26.0
0.309
39.8
0.342
-85.6
3000
0.205
127.5
1.462
23.9
0.316
38.7
0.343
-88.8
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com