Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4570 Datasheet(PDF) 8 Page - Inchange Semiconductor Company Limited

Part # 2SC4570
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4570 Datasheet(HTML) 8 Page - Inchange Semiconductor Company Limited

  2SC4570 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4570
VCE = 3 V, IC = 3 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.920
-14.3
5.495
160.8
0.028
77.6
0.962
-11.3
200
0.860
-28.2
5.327
146.5
0.051
69.7
0.886
-20.5
300
0.774
-41.7
5.129
134.7
0.069
63.1
0.802
-27.2
400
0.689
-54.1
4.838
124.8
0.083
58.5
0.731
-32.1
500
0.600
-66.2
4.584
115.6
0.094
55.3
0.669
-35.5
600
0.530
-75.7
4.162
107.8
0.103
53.2
0.623
-38.2
700
0.456
-85.4
3.873
100.4
0.112
52.1
0.585
-40.3
800
0.402
-94.0
3.577
94.1
0.120
51.3
0.556
-42.2
900
0.354
-101.9
3.323
88.6
0.129
50.4
0.533
-43.9
1000
0.317
-109.3
3.082
83.5
0.136
50.3
0.513
-45.3
1100
0.286
-116.4
2.865
79.2
0.144
50.2
0.500
-47.0
1200
0.261
-123.8
2.687
74.9
0.152
49.6
0.491
-48.5
1300
0.241
-130.3
2.518
71.0
0.160
49.6
0.480
-49.9
1400
0.228
-137.6
2.381
67.2
0.168
49.0
0.471
-51.3
1500
0.214
-144.5
2.255
64.0
0.177
48.5
0.464
-52.5
1600
0.205
-151.3
2.144
60.6
0.185
48.2
0.458
-54.1
1700
0.198
-157.9
2.045
57.3
0.194
47.6
0.451
-55.6
1800
0.192
-163.9
1.956
54.3
0.202
47.1
0.444
-57.1
1900
0.188
-170.5
1.873
51.3
0.210
46.6
0.437
-58.8
2000
0.187
-177.6
1.802
48.4
0.219
46.2
0.429
-60.9
2100
0.187
176.7
1.738
45.8
0.227
45.4
0.421
-62.8
2200
0.187
171.2
1.675
43.0
0.236
44.4
0.416
-65.2
2300
0.189
165.7
1.626
40.3
0.245
43.6
0.408
-67.4
2400
0.191
160.8
1.574
37.7
0.253
42.9
0.402
-70.4
2500
0.195
155.9
1.531
35.2
0.263
42.1
0.397
-73.7
2600
0.197
151.5
1.486
32.7
0.272
41.1
0.395
-76.8
2700
0.202
147.3
1.449
30.3
0.279
40.3
0.392
-80.3
2800
0.205
143.1
1.413
27.8
0.288
39.2
0.391
-83.6
2900
0.209
139.4
1.379
25.6
0.297
38.2
0.392
-86.8
3000
0.214
135.5
1.350
23.3
0.305
37.5
0.394
-90.1
isc Website:www.iscsemi.cn
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com