Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4570 Datasheet(PDF) 9 Page - Inchange Semiconductor Company Limited

Part # 2SC4570
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4570 Datasheet(HTML) 9 Page - Inchange Semiconductor Company Limited

  2SC4570 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4570 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4570
VCE = 3 V, IC = 1 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.973
-9.2
1.928
166.5
0.029
82.1
0.990
-6.3
200
0.954
-18.7
1.948
155.8
0.057
74.4
0.967
-12.2
300
0.918
-28.1
1.975
145.9
0.080
68.1
0.935
-17.6
400
0.878
-36.9
1.954
137.0
0.102
62.2
0.901
-22.5
500
0.831
-46.1
1.948
129.2
0.120
56.9
0.860
-26.9
600
0.785
-54.0
1.838
121.4
0.134
52.4
0.827
-30.9
700
0.733
-62.3
1.808
113.9
0.145
49.0
0.794
-34.5
800
0.684
-70.4
1.758
106.9
0.156
45.3
0.764
-37.6
900
0.634
-77.9
1.717
100.5
0.163
42.9
0.734
-40.5
1000
0.586
-85.8
1.689
94.2
0.169
40.8
0.711
-43.0
1100
0.539
-93.2
1.649
88.5
0.175
38.7
0.693
-45.3
1200
0.495
-100.5
1.607
83.0
0.179
37.4
0.677
-47.5
1300
0.464
-107.2
1.549
78.1
0.184
36.1
0.661
-49.5
1400
0.433
-114.0
1.449
73.3
0.188
35.2
0.649
-51.5
1500
0.406
-120.4
1.440
69.1
0.191
34.8
0.639
-53.3
1600
0.383
-126.8
1.396
64.9
0.195
34.5
0.627
-55.2
1700
0.363
-133.3
1.359
60.7
0.198
33.9
0.619
-57.2
1800
0.346
-139.4
1.310
57.0
0.203
33.8
0.609
-59.1
1900
0.331
-145.4
1.273
53.4
0.206
33.7
0.601
-61.0
2000
0.318
-152.2
1.242
49.9
0.210
33.5
0.591
-63.4
2100
0.308
-158.4
1.206
46.6
0.215
33.7
0.582
-65.5
2200
0.300
-164.1
1.169
43.3
0.220
33.3
0.576
-68.1
2300
0.294
-170.1
1.148
40.3
0.224
33.3
0.568
-70.6
2400
0.290
-175.5
1.112
37.4
0.229
33.3
0.563
-73.7
2500
0.288
-178.7
1.091
34.6
0.235
33.1
0.558
-76.9
2600
0.286
-173.3
1.064
31.9
0.241
33.2
0.554
-80.2
2700
0.284
-168.1
1.042
29.2
0.247
32.9
0.551
-83.5
2800
0.284
-162.9
1.015
26.5
0.253
33.1
0.551
-86.9
2900
0.285
-158.3
.997
24.2
0.259
32.8
0.552
-90.2
3000
0.286
-153.5
.977
21.8
0.265
33.2
0.552
-93.4
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com