Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM10 Datasheet(PDF) 5 Page - Emerson Network Power

Part # VRM10
Description  non-isolated DC-DC converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM10 Datasheet(HTML) 5 Page - Emerson Network Power

  VRM10 Datasheet HTML 1Page - Emerson Network Power VRM10 Datasheet HTML 2Page - Emerson Network Power VRM10 Datasheet HTML 3Page - Emerson Network Power VRM10 Datasheet HTML 4Page - Emerson Network Power VRM10 Datasheet HTML 5Page - Emerson Network Power VRM10 Datasheet HTML 6Page - Emerson Network Power VRM10 Datasheet HTML 7Page - Emerson Network Power VRM10 Datasheet HTML 8Page - Emerson Network Power VRM10 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Rev.07.20.07
vrm10 series
5 of 10
Embedded Power for
Business-Critical Continuity
Specifications
SIGNAL ELECTRICAL INTERFACE
ELECTROMAGNETIC COMPATIBILITY
CHARACTERISTIC - SIGNAL NAME
SYMBOL
MIN
TYP
MAX
UNITS
NOTES AND CONDITIONS
ESD - operating
15
kV
IEC61000-4-2.
(See Note 10)
In end user equipment
ESD - non-operating
25
kV
IEC61000-4-2.
In end user equipment
Radiated emissions
B
Class
FCC and EN55022.
In end user equipment
Input characteristics:
Input current - operating
IIN
10.7
A
Vin = Vin (typ.),
Iout (cont.) = 85A, VID = 1.325 V
Input capacitance - external bypass
CINext
680
1000
μF
CHARACTERISTIC - SIGNAL NAME
SYMBOL
MIN
TYP
MAX
UNITS
NOTES AND CONDITIONS
OUTEN - on
VOUTEN (on)
0.8
5.5
V
No pull up resistor provided by the
VRM
OUTEN - off
VOUTEN (off)
-0.3
0.4
V
No pull up resistor provided by the
VRM
OUTEN - leakage current
-1
1
μA
PWRGD - low
VPWRGD (low)
0.4
V
Sink current 4 mA
PWRGD - sink current
IPWRGD (sink)
4
mA
Open-collector output to not more
than 5.5 V
PWRGD - low threshold
72
74
76
%
Percentage of VID code setting
PWRGD - turn-on response to
Trise
0
4
10
ms
For waveforms, refer to Application
OUTEN going high
Note 171
VID - high
Vih (VID)
0.8
5.5
V
VID - low
Vil (VID)
-0.3
0.4
V
VID - pull up current
I (VID)
35
50
65
μA
OVP signal trip point
R (VID)
1.7
VID + 0.2
V
OVP drive voltage
1.9 (5.5)
V
Iovp = -100 mA (Iovp = -1 mA)
LL - high
Vih (LL)
0.8
5.5
V
VRM10-85-12-UY only
LL - low
Vil (LL)
-0.3
0.4
V
VRM10-85-12-UY only
LL - input impedance
Zi (LL)
2.18
2.21
kW
VRM10-85-12-UY only
VR_Hot# - low
VVR_HOT# (low)
0
0.4
V
Sink current 30 mA. VR_HOT# is
pulled as a thermal event is
present in the VRM
VR_Hot# - sink current
IVR_HOT# (sink)
0
30mA
Open-collector output to not more
than Vin. Sinks current as long as
thermal event is present in the VRM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com