Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM10 Datasheet(PDF) 3 Page - Emerson Network Power

Part # VRM10
Description  non-isolated DC-DC converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM10 Datasheet(HTML) 3 Page - Emerson Network Power

  VRM10 Datasheet HTML 1Page - Emerson Network Power VRM10 Datasheet HTML 2Page - Emerson Network Power VRM10 Datasheet HTML 3Page - Emerson Network Power VRM10 Datasheet HTML 4Page - Emerson Network Power VRM10 Datasheet HTML 5Page - Emerson Network Power VRM10 Datasheet HTML 6Page - Emerson Network Power VRM10 Datasheet HTML 7Page - Emerson Network Power VRM10 Datasheet HTML 8Page - Emerson Network Power VRM10 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev.07.20.07
vrm10 series
3 of 10
Embedded Power for
Business-Critical Continuity
Specifications
Table 1: LL0, LL1 Load Line Codes
MODEL
LL0
LL1
LOAD LINE SLOPE, Rout
UNITS
VRM10-85-12-UY
0
0
1.25
mW
VRM10-85-12-UY
0
1
1.25
mW
VRM10-85-12-UY
1
0
1.25
mW
VRM10-85-12-UY
1
1
Reserved
mW
VRM10-80-12-PY
N/A
N/A
1.24
mW
VRM10-105-12-EJ
0
0
1.25
mW
VRM10-105-12-EJ
0
1
1.25
mW
VRM10-105-12-EJ
1
0
1.25
mW
VRM10-105-12-EJ
1
1
Reserved
mW
Notes
1
Recommended output capacitance, 12 x 560 μF aluminium polymer and 44 x
10 μF MLCC for slew rates up to 430 A/μs, 14 x 560 μF aluminum polymer
and 45 x 10 μF MLCC for slew rates up to 930 A/μs.
2
8 mV pk-pk ripple. Vin = 12 V, Vout = 1.35 V, Iout = 85 A.
3
With the recommended capacitors (See Note 1) across the output, the
output voltage stays within the load regulation window for all loads and
transient events, up to 100 A for the VRM10-85-12-UY (91 A for the VRM10-
80-12-PY) over a 20MHz bandwidth, 0 ºC < Tamb < 60 ºC.
4
VRM10 uses a four phase buck topology. Each phase switches at
550 KHz for the VRM10-85-12-UY and VRM10-80-12-PY. This gives an
equivalent switching frequency of 2.2 MHz. For the VRM10-105-12-EJ, each
phase switches at 275 KHz. This gives an equivalent switching frequency of
1.1 MHz
5
Recommended input fusing: one 20 A (or two 10 A in parallel) very fast
acting fuse(s). The VRM10 is a high current device. Use appropriate
care in handling and installation of this device, which is intended only for use
within enclosed equipment.
6
0.01 G2/Hz from 5 Hz to 20 Hz, maintaining 0.02 G2/Hz from 20 Hz to 500
Hz, all axes.
7
Maximum current requires adequate forced air over the converter. Please
consult Figures 2 and 3 for thermal de-rating.
8
When the VRM detects an output over-voltage event, the OVP pin transitions
to logic high. This signal can be used to shut down the supply to the VRM, or
drive a crowbar device.
9
Pins 12 and 51 are not connected on VRM10-80-12-PY. On VRM10-85-12-
UY, do not leave these pins floating.
10 When included in the users system ESD event shall cause no out-of-
regulation conditions.
11 The ‘Y’ suffix indicates that these parts are TSE RoHS 5/6 (non Pb-free)
compliant.
EFFICIENCY TABLE
OUTPUT VOLTAGE
EFFICIENCY (typ.)
VID = 1.325 V @ 85 A
85%
VID = 1.325 V @ 80 A
85%
VID = 1.325 V @ 105 A
84%
Table 2: Efficiency Values
INPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
VOLTAGE
VOLTAGE
OVP (8)
CURRENT
CURRENT
CURRENT
(TYP.)
LOAD
NUMBER
(MIN)
(MAX.)
(MAX.)
CONTINUOUS
NON-SUSTAINED
12 Vdc
0.8375-1.6000 Vdc
1.8 V
0 A
80 A
91 A
85%
1.24 mV/A
VRM10-80-12-PY (11)
12 Vdc
0.8375-1.6000 Vdc
1.8 V
0 A
85 A
100 A
85%
See Table 1
VRM10-85-12-UY (11)
12 Vdc
0.8375-1.6000 Vdc
1.8 V
0 A
105 A
120 A
84%
See table 1
VRM10-105-12-EY (11)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com