Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM10 Datasheet(PDF) 6 Page - Emerson Network Power

Part # VRM10
Description  non-isolated DC-DC converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM10 Datasheet(HTML) 6 Page - Emerson Network Power

Back Button VRM10 Datasheet HTML 2Page - Emerson Network Power VRM10 Datasheet HTML 3Page - Emerson Network Power VRM10 Datasheet HTML 4Page - Emerson Network Power VRM10 Datasheet HTML 5Page - Emerson Network Power VRM10 Datasheet HTML 6Page - Emerson Network Power VRM10 Datasheet HTML 7Page - Emerson Network Power VRM10 Datasheet HTML 8Page - Emerson Network Power VRM10 Datasheet HTML 9Page - Emerson Network Power VRM10 Datasheet HTML 10Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Rev.07.20.07
vrm10 series
6 of 10
Embedded Power for
Business-Critical Continuity
Specifications
Figure 2: Thermal Derating Curve for VRM10-80-12-PY
(See Note A)
AMBIENT TEMPERATURE (ºC)
60
65
70
75
80
25
30
35
40
45
50
55
60
300 LFM
400 LFM
400 LFM
500 LFM
500 LFM
600 LFM
600 LFM
VID
≤ 1.4V
VID > 1.4V
Figure 1: Thermal Derating Curve for VRM10-85-12-UY
(See Note A)
AMBIENT TEMPERATURE (ºC)
60
65
70
75
80
25
30
35
40
45
50
55
60
85
300 LFM
400 LFM
400 LFM
500 LFM
500 LFM
600 LFM
600 LFM
VID
≤ 1.4V
VID > 1.4V
OUTPUT CURRENT (A)
Max.
11.0Vin
12.6Vin
12.0Vin
Min.
VID-0.04
VID
0
20
40
60
80
100
120
VID-LL x 0.04
VID - 0.04
Vout
Vo min. = VID - Rout * Iout - Vwindow
Vo max. = VID - Rout * Iout
AMBIENT TEMPERATURE (ºC)
20
30
40
010
20
30
40
50
60
50
300 LFM
400 LFM
400 LFM
500 LFM
500 LFM
600 LFM
600 LFM
VID
≤ 1.4V
VID > 1.4V
60
70
80
90
100
110
Notes
A
For the LFM and VID conditions graphed, there is no derating between 0 ºC
and 25 ºC.
B
For load regulation equations: VID is in Volts, programmed by the VID bits
(refer to Table 3); Rout is in
W’s, programmed by the LL bits (refer to Table 1);
and the output current, Iout is in amps. VWindow is 0.040 for VRM10-85-12-UY
and 0.038 for VRM10-80-12-PY.
C
Efficiency Vs load plotted is representative of a typical VRM10-85-12-UY with
VID = 1.4 V, LL0 = 0, LL1 = 1.
D Shown for a VRM10-80-12-P with VID = 1.4 V.
Figure 4: Load Regulation (See Notes 3 and B)
Figure 3: Thermal Derating Curve for VRM10-105-12-EY
(See Note A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com