Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM10 Datasheet(PDF) 4 Page - Emerson Network Power

Part # VRM10
Description  non-isolated DC-DC converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM10 Datasheet(HTML) 4 Page - Emerson Network Power

  VRM10 Datasheet HTML 1Page - Emerson Network Power VRM10 Datasheet HTML 2Page - Emerson Network Power VRM10 Datasheet HTML 3Page - Emerson Network Power VRM10 Datasheet HTML 4Page - Emerson Network Power VRM10 Datasheet HTML 5Page - Emerson Network Power VRM10 Datasheet HTML 6Page - Emerson Network Power VRM10 Datasheet HTML 7Page - Emerson Network Power VRM10 Datasheet HTML 8Page - Emerson Network Power VRM10 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev.07.20.07
vrm10 series
4 of 10
Embedded Power for
Business-Critical Continuity
Specifications
VOLTAGE IDENTIFICATION (VID) CODES
VID4
VID3
VID2
VID1
VID0
VID5
VID (V)
01
0100
0.8375
01
0011
0.8500
01
0010
0.8625
01
0001
0.8750
01
0000
0.8875
00
1111
0.9000
00
1110
0.9125
00
1101
0.9250
00
1100
0.9375
00
1011
0.9500
00
1010
0.9625
00
1001
0.9750
00
1000
0.9875
00
0111
1.0000
00
0110
1.0125
00
0101
1.0250
00
0100
1.0375
00
0011
1.0500
00
0010
1.0625
00
0001
1.0750
00
0000
1.0875
11
1111
OFF
11
1110
OFF
11
1101
1.1000
11
1100
1.1125
11
1011
1.1250
11
1010
1.1375
11
1001
1.1500
11
1000
1.1625
11
0111
1.1750
11
0110
1.1875
11
0101
1.2000
VOLTAGE IDENTIFICATION (VID) CODES (CONTD.)
VID4
VID3
VID2
VID1
VID0
VID5
VID (V)
11
0100
1.2125
11
0011
1.2250
11
0010
1.2375
11
0001
1.2500
11
0000
1.2625
10
1111
1.2750
10
1110
1.2875
10
1101
1.3000
10
1100
1.3125
10
1011
1.3250
10
1010
1.3375
10
1001
1.3500
10
1000
1.3625
10
0111
1.3750
10
0110
1.3875
10
0101
1.4000
10
0100
1.4125
10
0011
1.4250
10
0010
1.4375
10
0001
1.4500
10
0000
1.4625
01
1111
1.4750
01
1110
1.4875
01
1101
1.5000
01
1100
1.5125
01
1011
1.5250
01
1010
1.5375
01
1001
1.5500
01
1000
1.5625
01
0111
1.5750
01
0110
1.5875
01
0101
1.6000
Table 3: Voltage Identification Codes



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com