Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM10 Datasheet(PDF) 9 Page - Emerson Network Power

Part # VRM10
Description  non-isolated DC-DC converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM10 Datasheet(HTML) 9 Page - Emerson Network Power

Back Button VRM10 Datasheet HTML 2Page - Emerson Network Power VRM10 Datasheet HTML 3Page - Emerson Network Power VRM10 Datasheet HTML 4Page - Emerson Network Power VRM10 Datasheet HTML 5Page - Emerson Network Power VRM10 Datasheet HTML 6Page - Emerson Network Power VRM10 Datasheet HTML 7Page - Emerson Network Power VRM10 Datasheet HTML 8Page - Emerson Network Power VRM10 Datasheet HTML 9Page - Emerson Network Power VRM10 Datasheet HTML 10Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev.07.20.07
vrm10 series
9 of 10
Embedded Power for
Business-Critical Continuity
Specifications
PIN CONNECTIONS
PIN NO. FUNCTION
PIN NO. FUNCTION
1
Vin-
54
Vin+
2
Vin-
53
Vin+
3
Vin-
52
Vin+
4
VID4
51
VID3
5
VID2
50
VID1
6
VID0
49
VID5
7
Vo sen+
48
Vo_sen-
8Vcc PWRGD
47
VR_HOT#
9
Outen
46
LL0(9)
10
OVP
45
LL1(9)
11
NA
44
NA
12
VRM_pres#
43
NA
13
Vo+
42
Vo+
14
Vo+
41
Vo+
15
Vo+
40
Vo+
16
Vo-
39
Vo-
17
Vo-
38
Vo-
18
Vo-
37
Vo-
19
Vo+
36
Vo+
20
Vo+
35
Vo+
21
Vo+
34
Vo+
22
Vo-
33
Vo-
23
Vo-
32
Vo-
24
Vo-
31
Vo-
25
Vo+
30
Vo+
26
Vo+
29
Vo+
27
Vo+
28
Vo+
Figure 8: 105 A Mechanical Drawing and Pinout Table
Dimensions in Inches Approx Metric
Equiv in (mm)
Tolerances (unless otherwise specified)
3 Places
±0.010 (0.25), 2 Places ±0.02 (0.5)
Third Angle Projections
0.519
(13.19)
(55.47)
0.34 (8.63)
0.16 (4.13)
0.50 MAX
1.00 MAX
(25.4 MAX)
q
0.079 (2.00)
REF
MATING CONNECTOR
ELCON #283-0172-01303B
Conn Mtg Plane
0.50 MAX
0.975
(24.77)
2.184
1.160 (29.46)
0.571 (14.50)
(3 PLACES)
3.675
(93.35)
0.071 (1.80)
(3 PLACES)
27
1
3.00
(76.07)
3.35
(85.09)
1
27
28
54
1.250 MAX
INSTALLED
HEIGHT
(31.75 MAX)
(12.7 MAX)
(12.7 MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com