Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM10 Datasheet(PDF) 1 Page - Emerson Network Power

Part # VRM10
Description  non-isolated DC-DC converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM10 Datasheet(HTML) 1 Page - Emerson Network Power

  VRM10 Datasheet HTML 1Page - Emerson Network Power VRM10 Datasheet HTML 2Page - Emerson Network Power VRM10 Datasheet HTML 3Page - Emerson Network Power VRM10 Datasheet HTML 4Page - Emerson Network Power VRM10 Datasheet HTML 5Page - Emerson Network Power VRM10 Datasheet HTML 6Page - Emerson Network Power VRM10 Datasheet HTML 7Page - Emerson Network Power VRM10 Datasheet HTML 8Page - Emerson Network Power VRM10 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The VRM10 non-isolated DC-DC converters are designed to meet
the exceptionally fast transient response requirements of today’s
microprocessors and fast switching logic in a compact size at a
very affordable price. Advanced circuit techniques, component
selection and placement optimization, state-of-the-art thermal
packaging, and surface-mount technologies provide a high power
density, highly reliable, and very precise voltage regulation system
for advanced microprocessors.
Embedded Power for
Business-Critical Continuity
VRM10 Series
Single Output
Special Features
• Designed for use in low pro-
file applications where
VRM10.0 or 10.1
specifications are required
• Output current up to 105 A
continuous
• Open-collector power good
(PWRGD) output
• 6-bit microprocessor voltage
identification input (VID)
• 0.8375 Vdc to 1.6000 Vdc
in 12.5mV steps
• Allows dynamic VID
code changes
• Differential remote sense for
improved load regulation
• Vertical plug-in to standard
motherboard connector
• Selectable output load line
impedances, via LL0 and LL1
• Output over-voltage signal
(OVP)
• Monotonic output turn-on
and turn-off with no
overshoot or undershoot
• RoHS compliant
• 2 Year Warranty
Input Voltage: 12VDC
# of Outputs:
Single
Safety
VDE Certificate
No. 2487000-3336-0016
Rev.07.20.07
vrm10 series
1 of 10


Similar Part No. - VRM10

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
VRM10-105-12-EY ARTESYN-VRM10-105-12-EY Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
VRM10-85-12-UY ARTESYN-VRM10-85-12-UY Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
More results

Similar Description - VRM10

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com