Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS4/9 Datasheet(PDF) 5 Page - Emerson Network Power

Part # VS4/9
Description  VS Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VS4/9 Datasheet(HTML) 5 Page - Emerson Network Power

  VS4/9 Datasheet HTML 1Page - Emerson Network Power VS4/9 Datasheet HTML 2Page - Emerson Network Power VS4/9 Datasheet HTML 3Page - Emerson Network Power VS4/9 Datasheet HTML 4Page - Emerson Network Power VS4/9 Datasheet HTML 5Page - Emerson Network Power VS4/9 Datasheet HTML 6Page - Emerson Network Power VS4/9 Datasheet HTML 7Page - Emerson Network Power VS4/9 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
5
Drawings
4.000 ± .020
(101.60 ± .50)
.500 ± .050
(12.70 ± 1.27)
8-32 UNC-2B
Threaded Insert,
4 Places
Max penetration:
0.150 (3.81)
6.750 ± .020
(171.45 ± .50)
.750 ± .050
(19.05 ± 1.27)
AC Main Input
J1
5.00 ± 0.05
2.04 ± .05
(51.82 ± 1.27)
3.49 ± .05
(88.65 ± 1.27)
5.00
(127.03)
Max
AC High
Neutral
Ground
6.750 ± .020
(171.45 ± .50)
.27 ± .05
(6.86 ± 1.27)
.750 ± .050
(19.05 ± 1.27)
.500 ± .050
(12.70 ± 1.27)
4.000 ± .020
(101.60 ± .50)
11.00 ± .05
(279.31 ± 1.27)
.94
23.89)
MAX
8-32 UNC-2B
Threaded Insert, 4 Places
Like Pattern Opposite Side
Max penetration: 0.150 (3.81)
1.2
STD AIR FLOW
VS1 & VS6 • 1000-1500 WATTS
J1
5.00 ± 0.05
2.04 ± .05
(51.82 ± 1.27)
3.49 ± .05
(88.65 ± 1.27)
5.00
(127.03)
Max
N
AC Phase A
AC Phase B
AC Phase C
AC Ground
VS6
VS1
5-inch Case Size (5” x 5” x 11”)
Input
Module
Bottom
Back
Side
Input
Module
NOTES (ALL MODELS)
1. Input: Barrier type. Three No. 6-32 B.H. screws (0.375” centers). For VS1, VS3 & VS4 additional GND CONN added for VS6, VS8 & VS9.
Max torque: 10 in-lbs (1.1 N-m).
2. Control connectors: (J1 and J2) 10 position Molex 90130-3210 housing, gold plated contacts. Mates with Molex 90142-0010 housing with
90119-2110 crimp contacts (Molex C - Grid III Series). Connector kit includes mating connector and 10 pins, Astec part #70-841-004.
3. Output terminals (A-300 W) (B-600 W) & (K-750 W) single modules: two (2) 10-32 UNF HEX HD BOLTS. Max. torque: 25 in-lbs (2.78 N-m).
4. Output terminals (E/F-250 W) & (G/H-500 W) dual/triple modules: Primary: two (2) 10-32 UNF HEX HD BOLTS. Max. torque: 25 in-lbs (2.78 N-m).
Secondary: barrier strip two (2) 6-32 UNC screws (0.375” centers) per output. Max torque: 10 in-lbs (1.1 N-m).
5. Output terminals (C-900 W) (D-1200 W) & (L-1500 W) single modules: four 5/16-18 x 5/8" hex head cap screws. Max. torque: 120 in-lbs
(13.35 N-m). Captive lock washer provided.
6. Chassis material: aluminum with chemical film coating.
7. Adjustment access: voltage, power fail, and overcurrent from front panel.
8. Bar code: code 39 extended.
9. Mounting for 5-inch & 8-inch case: four(4) 8-32 clinch nuts on three (3) surfaces.
Mounting for 11-inch case:
four (4) 8-32 clinch nuts on two (2) side surfaces &
six (6) 8-32 clinch nuts on bottom surface.
Max. penetration 0.150 inch (3.81). Max. torque: 15 in-lbs (1.67 N-m).
10. Additional support is recommended when unit is mounted in a suspended configuration.
Mounting clinch nuts are not designed to support the weight of the unit.
11. Fans:
5-inch case, (1) 4.5" dia, 112 CFM (no load), 49 dBA.
8-inch case, (1) 4.5" dia, 112 CFM (no load), 49 dBA; (2) 2.25” dia, 23 CFM (no load), 38 dBA.
11-inch case, (2) 4.5" dia, 112 CFM (no load), 49dBA
12. All dimensions are in inches (mm).
13. Specifications subject to change without notice.
69-825-410 Rev C
12.01.04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com