Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS4/9 Datasheet(PDF) 1 Page - Emerson Network Power

Part # VS4/9
Description  VS Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VS4/9 Datasheet(HTML) 1 Page - Emerson Network Power

  VS4/9 Datasheet HTML 1Page - Emerson Network Power VS4/9 Datasheet HTML 2Page - Emerson Network Power VS4/9 Datasheet HTML 3Page - Emerson Network Power VS4/9 Datasheet HTML 4Page - Emerson Network Power VS4/9 Datasheet HTML 5Page - Emerson Network Power VS4/9 Datasheet HTML 6Page - Emerson Network Power VS4/9 Datasheet HTML 7Page - Emerson Network Power VS4/9 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
69-825-410 Rev C
12.01.04
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
1
Special Features
• Power factor correction
• IEC 555-2 harmonic distortion compliance
• CISPR 22, EN55022 Level B
conducted / radiated EMI
• EN61000 immunity standards
• European CE Mark
• Current share on all outputs
• Remote sense on all outputs
• Overload protection on all outputs
• Voltage adjustment on all outputs
• Margining on all outputs
• AC-OK-signal (logics “1” or “0”)
• Global DC OK (logics “1” or “0”)
• DC-OK signal and status indicator LED-on all outputs
• Global and individual module inhibits/enable
• 3 year warranty
• 2500 W with 3-phase input
1000 - 2500 Watts
VS Series
Operating temperature: -10°C to 50°C
(derate each output linearly to 60% at 70°C)
40°C max. for reverse air (option #1)
Shock/Vibration: Mil-Hdbk 810E
Humidity: 95% non-condensing
Storage temperature: -55°C to +85°C
Temperature coefficient: 0.02% per °C
Cooling: Internal DC fan 24V
UL
UL60950-1
E133211
CSA
CSA C22.2 No. 60950-1-03
VDE
EN60950
CB
Certificate and report
CE
Mark
Environmental
Safety
VS1-B2-H522-00
1100W total
VS6-L2-00
1500W total
VS3-D2-C2-20
1200W total
VS8-L9-D9-20
2500W total (case limit)
VS4/9
2000 - 2500 W


Similar Part No. - VS4/9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
VS4 ASTEC-VS4 Datasheet
2Mb / 8P
1000 - 2500 Watts
logo
Apex Electronics Co., L...
VS4 APEX-ELECTRONICS-VS4 Datasheet
1Mb / 12P
Rocker Switch, multiple contact arrangement
logo
Faraday Technology
VS400M FARADAY-VS400M Datasheet
39Kb / 2P
SERIAL DIGITAL VIDEO PASSIVE SIGNAL SPLITTER
logo
SHENZHEN DOINGTER SEMIC...
VS40120AD DOINGTER-VS40120AD Datasheet
1Mb / 6P
N-Channel MOSFET uses advanced SGT technology
logo
Vectron International, ...
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
Dual Frequency VCSO
More results

Similar Description - VS4/9

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IVS EMERSON-NETWORKPOWER-IVS_11 Datasheet
2Mb / 12P
Intelligent VS Power
logo
Vishay Siliconix
VS-80SQ045TR VISHAY-VS-80SQ045TR Datasheet
134Kb / 7P
VS-80SQ... Series, VS-80SQ...-M3 Series Vishay Semiconductors
19-Sep-11
VS-6CWQ10FNPBF VISHAY-VS-6CWQ10FNPBF Datasheet
155Kb / 7P
VS-6CWQ10FNPBF
14-Jan-11
logo
PHOENIX CONTACT
1652211 PHOENIX-1652211 Datasheet
87Kb / 3P
VS-25-SD
logo
Vishay Siliconix
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3 Datasheet
164Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
17-Aug-17
VS-6CVH01HM3 VISHAY-VS-6CVH01HM3 Datasheet
152Kb / 7P
Hyperfast Rectifier, 2 x 3 A FRED Pt®
13-Jan-2021
VS-4EVH01HM3 VISHAY-VS-4EVH01HM3 Datasheet
151Kb / 7P
Hyperfast Rectifier, 4 A FRED Pt®
11-Jan-2021
VS-E5TH3012S2LHM3 VISHAY-VS-E5TH3012S2LHM3 Datasheet
193Kb / 8P
Hyperfast Rectifier, 30 A FRED Pt® G5
02-Mar-2021
VS-MBHV VISHAY-VS-MBHV Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-4EWH02FNHM3 VISHAY-VS-4EWH02FNHM3_V01 Datasheet
170Kb / 7P
VS-4EWH02FNHM3
19-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com