Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS4/9 Datasheet(PDF) 4 Page - Emerson Network Power

Part # VS4/9
Description  VS Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VS4/9 Datasheet(HTML) 4 Page - Emerson Network Power

  VS4/9 Datasheet HTML 1Page - Emerson Network Power VS4/9 Datasheet HTML 2Page - Emerson Network Power VS4/9 Datasheet HTML 3Page - Emerson Network Power VS4/9 Datasheet HTML 4Page - Emerson Network Power VS4/9 Datasheet HTML 5Page - Emerson Network Power VS4/9 Datasheet HTML 6Page - Emerson Network Power VS4/9 Datasheet HTML 7Page - Emerson Network Power VS4/9 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
4
www.astecpower.com
Examples of Model Numbers - SINGLE OUTPUTS
Total
Volts /
Size
Model
Power
Amps
(H x W x L)
Number
600 W
5 V / 120 A
5 x 5 x 11
VS1-B2-00
750 W
12 V / 62.5 A
5 x 5 x 11
VS1-K3-00
900 W
5 V / 180 A
5 x 5 x 11
VS1-C2-00
1200 W
5 V / 240 A
5 x 5 x 11
VS1-D2-00
1200 W
2 V / 600 A
5 x 8 x 11
VS3-L0-L0-20
1500 W
15 V / 100 A
5 x 5 x 11
VS1-L4-00
2000 W
5 V / 400 A
5 x 8 x 11
VS3-D2-C2-20*
2500 W
48 V / 52 A
5 x 8 x 11
VS8-L9-D9-20 **
* D2 module derated to 1100 W (2000 W max.)
**D9 module derated to 1000 W (2500 W max )
Examples of Model Numbers - MULTIPLE OUTPUTS
PFC
J1 CONTROL CONNECTOR
Pin No.
Function
J1-1
AC OK Logic 1
J1-2
AC OK Logic 0
J1-3
Global DC OK/Conv Run Logic 1
J1-4
Global DC OK/Conv Run Logic 0
J1-5
Global DC OK/Conv Run/AC OK
Return
J1-6
Global Inhibit Logic 0*/ENA Logic '0'
J1-7
Global Inhibit Logic 1*/ENA Logic '1'
J1-8
Global Inhibit Return*ENA RTN
J1-9
Global Isolated Inhibit
J1-10
Global Isolated Inhibit Return
* Changes to Enable with Option Code 3
Single Output
J1 CONTROL CONNECTOR
Pin No.
Function
J1-1
+Remote Sense
J1-2
Remote Margin / V. Program
J1-3
Remote Margin Hi
J1-4
-Remote Sense / Margin Lo
J1-5
DC OK / Conv Run Logic 1
J1-6
Isolated Inhibit
J1-7
DC OK / Conv Run / ISO Inh.
Return
J1-8
Single Wire Parallel
J1-9
Spare Pin
J1-10
Spare Pin
Notes:
Electrical Characteristics
1.
DC OK minus 2 to 6% of nominal output voltage
(tracking).
2.
Inhibit & Enable are both TTL compatible.
ISOLATED requires 2 mA source, typical.
3.
DC OK/Converter Run denotes output voltage
is present and converters are running
(Or'ed signal configuration).
4.
PFC LED: Red = Bulk DC bus voltage low;
Green = Bulk DC OK.
5.
Output LED: Red = Indicated output not
operating within tolerance;
Green = Indicated output operating within
tolerance.
6.
The 5 x 5 x 11 (VS1/6) case is power limited to
1500W max. See operating curve.
7.
The 5 x 8 x 11 case and 5 x 11 x 11 case (VS3/4)
are power limited to 2000W max. The VS8/9
cases are power limited to 2500W max.
8.
Specifications subject to change without
notice.
9.
Warranty: 3 yrs
Multiple Output
J1 CONTROL CONNECTOR
Pin No.
Function
J1-1
V1 +Remote Sense
J1-2
V1 Remote Margin / V. Program
J1-3
V1 Remote Margin Hi
J1-4
V1 -Remote Sense / Margin Lo
J1-5
V1 DC OK / Conv Run Logic 1
J1-6*
V1 Isolated Inhibit
J1-7
V1 DC OK / Conv Run / ISO Inh.
Return
J1-8
V1 Single Wire Parallel
J1-9
V2 Single Wire Parallel
J1-10
V3 Single Wire Parallel
* Inhibits off all the outputs within that module.
J2 CONTROL CONNECTOR
Pin No.
Function
J2-1
V2 +Remote Sense
J2-2
V2 Remote Margin / V. Program
J2-3
V2 Remote Margin Hi
J2-4
V2 -Remote Sense / Margin Lo
J2-5
V2 DC OK /Logic 1
J2-6
V3 +Remote Sense
J2-7
V3 Remote Margin / V. Program
J2-8
V3 Remote Margin Hi
J2-9
V3 -Remote Sense
J2-10
V3 DC Good /Logic 1
Other Voltages
Available
2 V
3.3 V
5 V
12 V
15 V
24 V
28 V
36 V
Special
48 V
Voltage
ID Code
0
1
2
3
4
5
6
7
8 (consult factory)
9
Total
Output
Output
Output
Output
Output
Output
Size
Model Number
Power
1
2
3
4
5
6
500 W
5 / 50
12 / 10
12 / 10
5 x 5 x 11
VS1-H233-00
750 W
5 / 50
12 / 10
12 / 10
15 / 8.3
15 / 5
5 / 5
5 x 5 x 11
VS1-H233-F442-00
800 W
5 / 60
12 / 21
12 / 10
5 / 10
5 x 5 x 11
VS1-A2-H332-00
800 W
5 / 60
12 / 21
12 / 10
24 / 5
5 x 5 x 11
VS1-A2-H335-00
800 W
5 / 60
15 / 16.6
15 / 10
5 / 10
5 x 5 x 11
VS1-A2-H442-00
800 W
5 / 60
15 / 16.6
15 / 10
24 / 5
5 x 5 x 11
VS1-A2-H445-00
990 W
5 / 150
2 / 120
5 x 5 x 11
VS1-K2-B0-00
1000 W
5 / 50
12 / 10
12 / 10
15 / 16.6
15 / 10
24 / 5
5 x 5 x 11
VS1-H233-H445-00
1000 W
5 / 50
12 / 10
12 / 10
15 / 16.6
5 / 10
24 / 5
5 x 5 x 11
VS1-H233-H425-00
1100 W
5 / 120
12 / 21
12 / 20
5 x 5 x 11
VS1-B2-G33-00
1100 W
5 / 120
12 / 21
12 / 10
5 / 10
5 x 5 x 11
VS1-B2-H332-00
1100 W
5 / 170
12 / 10
12 / 10
5 x 5 x 11
VS1-B2-H233-10
1100 W
5 / 120
15 / 16.6
15 / 10
5 / 10
5 x 5 x 11
VS1-B2-H442-00
1100 W
5 / 120
15 / 16.6
15 / 10
24 / 5
5 x 5 x 11
VS1-B2-H445-00
1400 W
5 / 180
12 / 21
12 / 20
5 x 8 x 11
VS3-C2-G33-00
1400 W
5 / 180
12 / 21
12 / 10
5 / 10
5 x 8 x 11
VS3-C2-H332-00
1440 W
5 / 240
2 / 120
5 x 8 x 11
VS3-D2-B0-00
1600 W
5 / 170
12 / 20
12 / 21
5 / 20
5 x 8 x 11
VS3-B2-G23-G32-10
1680 W
5 / 240
2 / 240
5 x 8 x 11
VS3-D2-D0-00
1700 W
5 / 240
12 / 21
12 / 20
5 x 8 x 11
VS3-D2-G33-00
1900 W
5 / 180
12 / 21
12 / 20
5 / 50
15 / 10
24 / 5
5 x 8 x 11
VS3-C2-G33-H245-00
2000 W
5 / 300
12 / 21
12 / 10
5 / 10
5 x 8 x 11
VS3-L2-H332-00
2000 W
5 / 240
12 / 21
12 / 20
5 / 60
15 / 10
24 / 5
5 x 8 x 11
VS3-D2-G33-H245-00
2500 W
5 / 300
3.3 / 120
12 / 21
12 / 10
15 / 10
5 x 8 x 11
VS8-L2-B1-H334-00
EXAMPLES
Pin Assignments
69-825-410 Rev C
12.01.04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com