Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS4/9 Datasheet(PDF) 6 Page - Emerson Network Power

Part # VS4/9
Description  VS Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VS4/9 Datasheet(HTML) 6 Page - Emerson Network Power

  VS4/9 Datasheet HTML 1Page - Emerson Network Power VS4/9 Datasheet HTML 2Page - Emerson Network Power VS4/9 Datasheet HTML 3Page - Emerson Network Power VS4/9 Datasheet HTML 4Page - Emerson Network Power VS4/9 Datasheet HTML 5Page - Emerson Network Power VS4/9 Datasheet HTML 6Page - Emerson Network Power VS4/9 Datasheet HTML 7Page - Emerson Network Power VS4/9 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7.90 ± 0.05
(200.66 ± 1.27)
2.04 ± .05
(51.82 ± 1.27)
3.49 ± .10
(88.65 ± 2.54)
4.94 ± .10
(125.48 ± 2.54)
6.39 ± .10
(162.31 ± 2.54)
5.00
(127.03)
MAX
J1
AC High
Neutral
Ground
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
6
www.astecpower.com
6.750 ± .020
(171.450 ± .50)
.750 ± .050
(19.05 ± 1.27)
1.067 ± .050
(27.099 ± 1.270)
5.750 ± .020
(146.050 ± .508)
8-32 UNC-2B
Threaded
Insert, 4 Places
Max penetration:
0.150 (3.81)
1.2
AC Main Input
6.750 ± .020
(171.45 ± .50)
.27 ± .05
(6.86 ± 1.27)
.750 ± .050
(19.05 ± 1.27)
.500 ± .050
(12.70 ± 1.27)
4.000 ± .020
(101.60 ± .50)
11.00 ± .05
(279.31 ± 1.27)
.94
23.89)
MAX
8-32 UNC-2B
Threaded Insert, 4 Plac
Like Pattern Opposite S
Max penetration: 0.150
1.2
STD AIR FLOW
DRAWINGS • VS3 & VS8 • 1000-2500 WATTS
VS3
VS8
N
J1
7.90 ± 0.05
(200.66 ± 1.27)
2.04 ± .05
(51.82 ± 1.27)
3.49 ± .10
(88.65 ± 2.54)
4.94 ± .10
(125.48 ± 2.54)
6.39 ± .10
(162.31 ± 2.54)
5.00
(127.03)
MAX
AC Phase A
AC Phase B
AC Phase C
AC Ground
8-inch Case Size (5” x 8” x 11”)
(18 lbs. / 8.2 kg. maximum)
Bottom
Back
Side
Input
Module
69-825-410 Rev C
12.01.04
Input
Module



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com