Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS4/9 Datasheet(PDF) 7 Page - Emerson Network Power

Part # VS4/9
Description  VS Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VS4/9 Datasheet(HTML) 7 Page - Emerson Network Power

  VS4/9 Datasheet HTML 1Page - Emerson Network Power VS4/9 Datasheet HTML 2Page - Emerson Network Power VS4/9 Datasheet HTML 3Page - Emerson Network Power VS4/9 Datasheet HTML 4Page - Emerson Network Power VS4/9 Datasheet HTML 5Page - Emerson Network Power VS4/9 Datasheet HTML 6Page - Emerson Network Power VS4/9 Datasheet HTML 7Page - Emerson Network Power VS4/9 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
7
Drawings
~
5.00
127.0
MAX
AC HIGH
NEUTRAL
GROUND
DETAIL A
.33
±.10
2.04
±2.54
51.81
±.10
3.49
±2.54
88.64
±.10
4.94
±2.54
125.47
±.10
6.39
±2.54
162.31
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
(PFC)
N
P/F
6 1
J1
8.3
S
L
O
T
2
S
L
O
T
1
±.10
7.84
±2.54
199.14
±.10
9.29
±2.54
235.97
±.20
274.32
10.80
±5.04
.52
13.1
VS4 & VS9 • 2000-2500 WATTS
VS4
11-inch Case Size (5” x 11” x 11”)
8-32 UNC-2B THREADED
INSERT, 4 PL
11.00
279.31
4.00
101.60
.75
19.05
6.75
171.45
.50
12.70
+.02
+.50
-
-
±.05
±1.27
±1.27
±.05
±1.27
±.50
±.02
±.05
LIKE PATTERN OPPOSITE SIDE
MAX
1.2
±.05
.27
±1.27
6.86
.94
23.89
MAX
AIR FLOW
STD
FRONT AIR
EXHAUST
OPTIONAL
REAR AIR
EXHAUST
.750
±1.270
19.050
6.750
171.450
±.05
±.02
±.50
±.050
1.067
±1.270
27.099
8-32 UNC-2B THREADED
INSERT, 6 PL
1.2
±.020
±.508
5.750
146.050
±.020
±.508
8.750
222.25
~
5.00
127.0
MAX
AC HIGH
NEUTRAL
GROUND
DETAIL A
.33
±.10
2.04
±2.54
51.81
±.10
3.49
±2.54
88.64
±.10
4.94
±2.54
125.47
±.10
6.39
±2.54
162.31
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
(PFC)
N
P/F
6 1
J1
8.3
S
L
O
T
2
S
L
O
T
1
±.10
7.84
±2.54
199.14
±.10
9.29
±2.54
235.97
±.20
274.32
10.80
±5.04
.52
13.1
VS9
AC Phase A
AC Phase B
AC Phase C
69-825-410 Rev C
12.01.04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com