Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS4/9 Datasheet(PDF) 3 Page - Emerson Network Power

Part # VS4/9
Description  VS Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VS4/9 Datasheet(HTML) 3 Page - Emerson Network Power

  VS4/9 Datasheet HTML 1Page - Emerson Network Power VS4/9 Datasheet HTML 2Page - Emerson Network Power VS4/9 Datasheet HTML 3Page - Emerson Network Power VS4/9 Datasheet HTML 4Page - Emerson Network Power VS4/9 Datasheet HTML 5Page - Emerson Network Power VS4/9 Datasheet HTML 6Page - Emerson Network Power VS4/9 Datasheet HTML 7Page - Emerson Network Power VS4/9 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
3
Common Examples
and Specifications
N
J1
VS1 and VS6
available slots
VS4 and VS9
available slots
Case size
1
= 5 inch, 2 slot, 1500 W max 1Ø
3
= 8 inch, 4 slot, 2000 W max 1Ø
4
= 11 inch, 6 slot, 2000 W max 1Ø
6
= 5 inch, 2 slot, 1500 W max 3Ø
8
= 8 inch, 4 slot, 2500 W max 3Ø
9
= 11 inch, 6 slot, 2500 W max 3Ø
Option Codes
0 = no options
1 = rear air exhaust (40°C max.)
3 = set unit for global enable
5 = options 1 & 3
VS 1 - K 2 -G 33-00 - CE
Slot 2
2: 12V @ 21A
3: 12V @ 20A
Slot 1
1: 5V @ 150A
5 inch case
(2 slots available)
No paralleling
No options
Example
(more on next page):
Output Module Code
A = 300 W
single 1 slot
B = 600 W
single 1 slot
C = 900 W
single 2 slots
D = 1200 W single 2 slots
E = 250 W
dual
1 slot
F = 250 W
triple 1 slot
G = 500 W
dual
1 slot
H = 500 W
triple 1 slot
K = 750 W
single 1 slot
L = 1500 W single 2 slot
Parallel Codes
0 = no parallel
1 = 1 & 2
2 = 2 & 3
3 = 3 & 4
4 = 1 & 2 & 3
5 = 2 & 3 & 4
6 = 1 & 2 + 3 & 4
7 = 1 & 2 & 3 & 4
8 = 3 & 4 + 5 & 6
9 = 1 & 2 + 3 & 4 + 5 & 6
Voltage
Module Identification
Identification
Output
Output
E
F
G
H
Voltage
Voltage
250 W Dual
250 W Triple
500 W Dual
500 W Triple
Code
Aux. Output
Aux. Output
Aux. Output
Aux. Output
0
2 V
10 A
5 A
20 A
10 A
1
3.3 V
10 A
5 A
20 A
10 A
2
5 V
10 A
5 A
20 A
10 A
3
12 V
10 A
5 A
20 A
10 A
4
15 V
10 A
5 A
20 A
10 A
5
24 V
5 A
2.5 A
10 A
5 A
6
28 V
5 A
2.5 A
10 A
5 A
Auxiliary Output Table: Output(s) 2 and/or 3 of Module
Note: Increments of current not shown can be achieved by paralleling modules (add currents of each module selected).
Output Voltage
Module Identification
Identification
Output
Output
A (1 slot)
B (1 slot)
C (2 slots)
D (2 slots)
E, F (1 slot)
G, H (1 slot)
K (1 slot)
L (2 slots)
Voltage
Voltage
300 W
600 W
900 W
1200 W
250 W Multi
500 W Multi
750 W
1500 W
Code
Single
Single
Single
Single
Main Output
Main Output
Single
Single
0
2 V
60 A
120 A
180 A
240 A
25 A
50 A
150 A
300 A
1
3.3 V
60 A
120 A
180 A
240 A
25 A
50 A
150 A
300 A
2
5 V
60 A
120 A
180 A
240 A
25 A
50 A
150 A
300 A
3
12 V
25 A
50 A
75 A
100 A
10.5 A
21 A
62.5 A
125 A
4
15 V
20 A
40 A
60 A
80 A
8.3 A
16.6 A
50 A
100 A
5
24 V
12.5 A
25 A
37.5 A
50 A
5.3 A
10.5 A
31.2 A
62.4 A
6
28 V
10.7 A
21.4 A
32.1 A
42.8 A
4.5 A
9 A
26.7 A
53.4 A
7
36 V
8.3 A
16.6 A
24.9 A
33.2 A
N/A
N/A
20.8 A
41.6 A
9
48 V
6.3 A
12.5 A
18.75 A
25 A
N/A
N/A
15.6 A
31.2 A
USE ONLY-FOR
MODIFIED STANDARD,
CONSULT-FACTORY
Parallel Code
(Same for Each Slot)
Configuration Rules
1. Omit digits that do not apply.
2. a. Specify modules from lowest number
of outputs to highest.
b. If number of outputs are equal, specify
from highest to lowest power increments.
c. If power increments are equal, specify
from highest to lowest current.
3. All model configurations created using
this selection guide represent standard
products with standard availability and
lead times.
4. If slots are left empty, a blank panel will
be automatically installed.
Indicates CE compliance
Output Current
Output Voltage Code
0 = 2V
1 = 3.3 V
2 = 5 V
3 = 12 V
4 = 15 V
5 = 24 V
6 = 28 V
7 = 36 V
8 = special voltage
(consult factory)
9 = 48 V
VS3 and VS8
available slots
N
J1
J1
69-825-410 Rev C
12.01.04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com