Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology LTC6906 Datasheet HTML 10Page - Linear Technology LTC6906 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC6906
7
6906fa
THEORY OF OPERATIO
The LTC6906 is a precision, resistor programmable oscil-
lator (see Block Diagram). It generates a square wave at
the OUT pin with a period directly proportional to the value
of an external resistor, RSET. A feedback circuit measures
and controls the oscillator frequency to achieve the high-
est possible accuracy. In equilibrum, this circuit ensures
that the current in the SET pin, ISET, is balanced by IFB. IFB
is proportional to the master oscillator frequency, so we
have the relationship:
ISET = IFB = VSET • ƒOSC • COSC
(1)
Where COSC is a precision internal capacitor:
COSC = 10pF for the LTC6906
Solving for the oscillator period:
t
V
I
C
OSC
OSC
SET
SET
OSC
==
1
ƒ
•
(2)
This is the fundamental equation for the LTC6906. It holds
regardless of how the SET pin is driven. When a resistor,
RSET, is connected from the SET pin to ground, we have
the relationship:
V
I
R
SET
SET
SET
=
(3)
so
tR
C
OSC
OSC
SET
OSC
==
1
ƒ
•
(4)
The period and frequency are determined exclusively by
RSET and the precision internal capacitor. Importantly, the
value of VSET is immaterial, and the LTC6906 maintains its
accuracy even though VSET is not a precision reference
voltage.
The digital dividers shown in the Block Diagram further
divide the master oscillator frequency by 1, 3 or 10
producing:
ƒ
ƒ
OUT
OSC
N
=
(5)
and
tOUT = N • tOSC
(6)
Table 1 gives specific frequency and period equations for
the LTC6906. The Applications Information section gives
further detail and discusses alternative ways of setting the
LTC6906 output frequency.
Table 1. Output Frequency Equations
PART NUMBER
FREQUENCY
PERIOD
DIVIDER RATIOS
LTC6906
ƒOUT
SET
MHz
N
k
R
=
⎛
⎝⎜
⎞
⎠⎟
1
100
•
tN
s
R
k
OUT
SET
=µ ⎛
⎝⎜
⎞
⎠⎟
••
1
100
N
Open
=
⎧
⎨
⎪
⎩
⎪
=
=
=
+
10
3
1
,
,
,
DIV Pin
V
DIV Pin
DIV Pin GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com