Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology LTC6906 Datasheet HTML 10Page - Linear Technology LTC6906 Datasheet HTML 11Page - Linear Technology LTC6906 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC6906
9
6906fa
APPLICATIO S I FOR ATIO
Achieving the highest accuracy requires controlling po-
tential leakage paths. PC board leakage is aggravated by
both dirt and moisture. Effective cleaning is a good first
step to minimizing leakage, and some PC board manufac-
turers offer high impedance or low leakage processing
options.
Another effective method for controlling leakage is to shunt
the leakage current away from the sensitive node through
a low impedance path. The LTC6906 provides a signal on
the GRD pin for this purpose. Figure 10 shows a PC board
layout that uses the GRD pin and a “guard ring” to absorb
leakage currents. The guard ring surrounds the SET pin
and the end of RSET to which it is connected. The guard ring
must have no solder mask covering it to be effective. The
GRD pin voltage is held within a few millivolts of the SET
pin voltage, so any leakage path between the SET pin and
the guard ring generates no leakage current.
Bypassing the Power Supply
The LTC6906 has on-chip power supply decoupling that
eliminates the need for an external decoupling capacitor in
most cases. Figure 11 shows a simplified equivalent
circuit of the output driver and on-chip decoupling net-
work. When the output driver switches from low to high,
the 800pF capacitor delivers the current needed to charge
the off-chip capacitive load. Within nanoseconds the sys-
tem power supply recharges the 800pF capacitor.
Figure 9. Supply Current vs Frequency
Figure 10. PC Board Layout with Guard Ring
Figure 11. Simplified Equivalent of the Output Driver
and On-Chip Decoupling Circuit
LTC6906
RSET
OUT
GND
DIV
LEAKAGE
CURRENT
NO LEAKAGE
CURRENT
GUARD
RING
V+
GRD
SET
6906 F10
1
2
3
6
5
4
NO SOLDER MASK
OVER THE GUARD RING
6
V+
1
OUT
300
Ω
20
Ω
800pF
fOUT
2
GND
ESD DIODES
CLOAD
V+
6906 F11
DRIVER
LTC6906-1
DECOUPLING
NETWORK
Figure 12 shows a test circuit for evaluating performance
of the LTC6906 with a highly inductive, 330nH power
supply. Figure 13 shows the effectiveness of the
on-chip decoupling network. For CLOAD = 5pF to 50pF, the
output waveforms remain well formed.
The extremely low supply current of the LTC6906 allows
operation with substantial resistance in the power supply.
Figure 14 shows a test circuit for evaluating performance
of the LTC6906 with a highly resistive, 100
Ω power
supply. Figure 15 shows the effectiveness of the on-chip
decoupling network. For CLOAD = 5pF to 50pF, the output
waveforms remain well formed. With a 50pF load, a very
small (2.5%) slow tail can be seen on the rising edge. The
output waveform is still well formed even in this case. The
ability of the LTC6906 to operate with a resistive supply
permits supplying power via a CMOS logic gate or
microcontroller pin. Since the LTC6906 has a turn-on time
of less than 200
µsec, this technique can be used to enable
the device only when needed and further reduce power
consumption.
MASTER OSCILLATOR FREQUENCY (kHz)
0
0
10
30
40
50
800
6906 F09
20
400
200
1000
600
1200
60
÷1
÷3
÷10
70
80
V+ = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com