Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology LTC6906 Datasheet HTML 10Page - Linear Technology LTC6906 Datasheet HTML 11Page - Linear Technology LTC6906 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC6906
8
6906fa
APPLICATIO S I FOR ATIO
Selecting RSET and the Divider Ratio
The LTC6906 contains a master oscillator followed by a
digital divider (see Block Diagram). RSET determines the
master oscillator frequency and the DIV pin sets the
divider ratio, N. The range of frequencies accessible in
each divider ratio overlap, as shown in Figure 7. This
figure is derived from the equations in Table 1.
For any
given frequency, power can be minimized by minimiz-
ing the master oscillator frequency. This implies maxi-
mizing RSET and using the lowest possible divider ratio,
N. The relationship between RSET, N and the unloaded
power consumption is shown in Figure 8, where we can
clearly see that supply current decreases for large values
of RSET. For a discussion of jitter and divide ratio, refer to
page 11.
Minimizing Power Consumption
The supply current of the LTC6906 has four current
components:
• Constant (Independent V+,
ƒOUT and CLOAD)
• Proportional to ISET (which is the current in RSET)
• Proportional to V+,
ƒOUT and CLOAD
• Proportional to V+ and RLOAD
An approximate expression for the total supply current is:
IA
I
V
C
pF
V
R
A
V
R
VC
pF
V
R
SET
OUT
LOAD
LOAD
SET
SET
OUT
LOAD
LOAD
++
+
+
+
≅ µ+
+
+
()+
≅ µ+
+
+
()+
56
5
2
56
5
2
••
•
•
••
•
•
ƒ
ƒ
VSET is approximately 650mV at 25°C, but varies with
temperature. This behavior is shown in the Typical Perfor-
mance Characteristics.
Power can be minimized by maximizing RSET, minimizing
the load on the OUT pin and operating at lower frequen-
cies. Figure 9 shows total supply current vs frequency
Figure 7. RSET vs Desired Output Frequency (LTC6906)
Figure 8. Unloaded Supply Current vs RSET
RSET (kΩ)
50
70
100
1000
6906 F09
30
40
60
80
20
10
0
CLOAD = 0
V+ = 3V
TA = 25°C
under typical conditions. Below 100kHz the load current
is negligible for the 5pF load shown.
Guarding Against PC Board Leakage
The LTC6906 uses relatively large resistance values for
RSET to minimize power consumption. For RSET = 1M, the
SET pin current is typically only 6.5
µA. Thus, only 6.5nA
leaking into the SET pin causes a 0.1% frequency error.
Similarly, 1G of leakage resistance across RSET (1000 •
RSET) causes the same 0.1% error.
OUTPUT FREQUENCY (kHz)
1000
10000
1
100
1000
10000
6906 F07
10
10
100
÷10 ÷3 ÷1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com