Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 1 Page - Linear Technology

  LTC6906 Datasheet HTML 1Page - Linear Technology LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC6906
1
6906fa
■ Supply Current: 12
µA at 100kHz
■ <0.65% Frequency Accuracy (from 0
°C to 70°C)
■ Frequency Range: 10kHz to 1MHz
■ One Resistor Sets the Oscillator Frequency
■ Single Supply: 2.25V to 5.5V
■ –40
°C to 125°C Operating Temperature Range
■ No Decoupling Capacitor Needed
■ Start-Up Time Under 200
µs at 1MHz
■ First Cycle After Power-Up is Accurate
■ 150
Ω CMOS Output Driver
■ Low Profile (1mm) SOT-23 (ThinSOT
TM) Package
Micropower, 10kHz to 1MHz
Resistor Set Oscillator
in SOT-23
■ Low Cost Precision Programmable Oscillator
■ Rugged, Compact Micropower Replacement for
Crystal and Ceramic Oscillators
■ High Shock and Vibration Environments
■ Portable and Battery-Powered Equipment
■ PDAs and Cellular Phones
Micropower Clock Generator
Typical Supply Current vs Frequency
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
The LTC
®6906 is a precision programmable oscillator that
is versatile, compact and easy-to-use. Micropower opera-
tion benefits portable and battery-powered equipment. At
100kHz, the LTC6906 consumes 12
µA on a 3.3V supply.
A single resistor programs the oscillator frequency over a
10:1 range with better than 0.5% initial accuracy. The
output frequency can be divided by 1, 3 or 10 to span a
100:1 total frequency range, 10kHz to 1MHz.
The LTC6906 is easily programmed according to this
simple formula:
ƒOUT
SET
MHz
N
k
R
N
Open
=• ⎛
⎝⎜
⎞
⎠⎟
=
⎧
⎨
⎪
⎩
⎪
=
=
=
+
1100
10
3
1
,
,
,
,
DIV Pin
V
DIV Pin
DIV Pin
GND
No decoupling capacitor is needed in most cases, yielding
an extremely compact solution occupying less than 20mm2.
Contact LTC Marketing for a version of the part with a
shutdown feature or lower frequency operation.
The LTC6906 is available in the 6-lead SOT-23 (ThinSOT)
package.
10kHz TO 1MHz
NO DECOUPLING
CAPACITOR
NEEDED
6906 TA01
RSET
100k TO 1M
2.25V TO 3.6V
÷1
÷3
÷10
V+
GND
DIV
OUT
GRD
SET
LTC6906
, LTC and LT are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FREQUENCY (kHz)
0
0
10
30
40
50
800
90
6906 G04
20
400
200
1000
600
1200
60
70
80
V+ = 3.6V
V+ = 2.25V
CL = 5pF
TA = 25°C


Similar Part No. - LTC6906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6906 LINER-LTC6906 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6906 LINER-LTC6906 Datasheet
174Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
logo
Analog Devices
LTC6906 AD-LTC6906 Datasheet
1Mb / 34P
Voltage-Controlled Pulse Width Modulator (PWM)
11/19-REV.D
LTC6906 AD-LTC6906 Datasheet
755Kb / 28P
TimerBlox: Delay Block/ Debouncer
11/19-REV.C
LTC6906 AD-LTC6906 Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
More results

Similar Description - LTC6906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6906 LINER-LTC6906_15 Datasheet
174Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907_15 Datasheet
176Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com