Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 4 Page - Linear Technology

  LTC6906 Datasheet HTML 1Page - Linear Technology LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC6906
4
6906fa
FREQUENCY (kHz)
0
0
10
30
40
50
800
90
6906 G04
20
400
200
1000
600
1200
60
70
80
V+ = 3.6V
V+ = 2.25V
CL = 5pF
TA = 25°C
Typical Supply Current
vs Load Capacitance
VSET vs Temperature (VSET is the
Voltage Measured at the RSET Pin)
Typical Supply Current
vs Temperature, 1MHz
TYPICAL PERFOR A CE CHARACTERISTICS
Typical Frequency Error
vs Power Supply
Typical Supply Current
vs Frequency
Typical Frequency Error vs RSET
Typical Frequency Error
vs Temperature
SUPPLY VOLTAGE (V)
2.25
–0.50
–0.40
–0.20
–0.10
0
0.50
0.20
3
4
RSET = 1M
RSET = 100k
6906 G01
–0.30
0.30
0.40
0.10
5
RSET (kΩ)
0
–0.50
–0.30
–0.10
0.10
200
400
600
800
6906 G03
1000
0.30
0.50
–0.40
–0.20
0
0.20
0.40
1200
V+ = 5V
V+ = 2.25V
TEMPERATURE (
°C)
–50
–5
–4
–2
–1
0
2
–30
50
90
6906 G02
–3
1
30
130 150
–10 10
70
110
RSET = 100k
RSET = 1M
3.6V
3.6V
2.25V
2.25V
LOAD CAPACITANCE (pF)
0
0
20
60
80
100
200
140
10
20
6906 G05
40
160
180
120
30
40
1MHz, 3.6V
TA = 25°C
100kHz, 3.6V
1MHz, 2.25V
100kHz, 2.25V
TEMPERATURE (
°C)
–60
0.60
0.70
0.80
100
6906 G06
0.50
0.40
0.55
0.65
0.75
0.45
0.35
0.30
–20
–40
20
0
60 80
120
40
140
VSET AT
V+ = 3.6V
VSET AT
V+ = 2.25V
RSET = 100k
TEMPERATURE (
°C)
–60
55
60
70
75
80
90
–40
40
80
6906 G07
65
85
20
120 140
–20 0
60
100
ISUPPLY AT V
+ = 3.6V
ISUPPLY AT V
+ = 2.25V
CL = 5pF
Typical Supply Current
vs Temperature, 100kHz
TEMPERATURE (
°C)
–50
14
16
18
110
6906 G08
12
10
13
15
17
11
9
8
–10
–30
30
10
70 90
130
50
150
ISUPPLY AT V
+ = 3.6V
ISUPPLY AT V
+ = 2.25V
CL = 5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com