Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 5 Page - Linear Technology

  LTC6906 Datasheet HTML 1Page - Linear Technology LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC6906
5
6906fa
PI FU CTIO S
OUT (Pin 1): Oscillator Output. The OUT pin swings from
GND to V+ with an output resistance of approximately
150
Ω. For micropower operation, the load resistance
must be kept as high as possible and the load capacitance
as low as possible.
GND (Pin 2): Ground.
DIV (Pin 3): Divider Setting Input. This three-level input
selects one of three internal digital divider settings, deter-
mining the value of N in the frequency equation. Tie to GND
for
÷1, leave floating for ÷3 and tie to V+ for ÷10. When left
floating, the LTC6906 pulls Pin 3 to mid-supply with a
2.5M resistor. When Pin 3 is floating, care should be taken
to reduce coupling from the OUT pin and its trace to Pin 3.
Coupling can be reduced by increasing the physical space
between traces or by shielding the DIV pin with grounded
metal.
SET (Pin 4): Frequency Setting Resistor Input. Connect a
resistor, RSET, from this pin to GND to set the oscillator
frequency. For best performance use a precision metal- or
thin-film resistor of 0.5% or better tolerance and 50ppm/
°C
or better temperature coefficient. For lower accuracy
applications, an inexpensive 1% thick-film resistor may be
used. Limit the capacitance in parallel with RSET to less
than 10pF to reduce jitter and to ensure stability. Capaci-
tance greater than 10pF could cause the LTC6906 internal
feedback circuits to oscillate. The voltage on the SET pin
is approximately 650mV and decreases with temperature
by about –2.2mV/
°C.
GRD (Pin 5): Guard Signal. This pin can be used to reduce
PC board leakage across the frequency setting resistor,
RSET. The GRD pin is held within a few millivolts of the SET
pin and shunts leakage current away from the SET pin. To
control leakage, connect a bare copper trace (a trace with
no solder mask) to GRD and loop it around the SET pin and
all PC board metal connected to SET.
V+ (Pin 6): Voltage Supply (2.25V to 3.6V). This supply is
internally decoupled with a 20
Ω resistor in series with an
800pF capacitor. No external decoupling capacitor is
required for OUT pin loads less than 50pF. V+ should be
kept reasonably free of noise and ripple.
BLOCK DIAGRA
4
6
1
OP AMP
fOSC
150
Ω DRIVER
fOSC
IFB
IFB
OUT
6906 BD
3
DIV
PROGRAMMABLE
DIVIDER (n)
(
÷1, ÷3, ÷10)
THREE-LEVEL
INPUT
DETECTOR
VOLTAGE
CONTROLLED
OSCILLATOR
(MASTER OSCILLATOR)
fOSC = 1MHz • 100kΩ/RSET
SET
V+
2
GND
20
Ω
800pF
VSET ≅ VGRD ≅ 650mV
ISET = IFB
FREQUENCY-TO-CURRENT
CONVERTERS
DECOUPLING
NETWORK
BUFFER
GRD
RSET
5M
5M
DIVIDER
SELECT
V+
VSET
VSET
VSET
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com