Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6943IGN
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6943IGN Datasheet HTML 3Page - Linear Technology LTC6943IGN Datasheet HTML 4Page - Linear Technology LTC6943IGN Datasheet HTML 5Page - Linear Technology LTC6943IGN Datasheet HTML 6Page - Linear Technology LTC6943IGN Datasheet HTML 7Page - Linear Technology LTC6943IGN Datasheet HTML 8Page - Linear Technology LTC6943IGN Datasheet HTML 9Page - Linear Technology LTC6943IGN Datasheet HTML 10Page - Linear Technology LTC6943IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6943
7
6943f
Figure 4. Individual Switch Charge Injection
vs Input Voltage
Figure 5. Printed Circuit Board Layout
Showing Shielding the Sampling Capacitor
APPLICATIO S I FOR ATIO
VIN (V)
0
0
2
4
6
8
48
12
16
6943 • AI04
10
12
26
10
14
V+ = 15V
V– = 0V
V+ = 10V
V– = 0V
V+ = 5V
V– = 0V
Divide by 2
Ultra Precision Voltage Inverter
Multiply by 2
6943 • TA03
0.01µF
VOUT = VIN/2 ± 1ppm
0 ≤ VIN ≤ V
+
3 ≤ V+ ≤ 18V
10
9
6
11
VOUT = VIN/2
1µF
1µF
VIN
1/2 LTC6943
7
12
14
15
6943 • TA02
0.01µF
VOUT = 2VIN ± 5ppm
0 ≤ VIN ≤ V
+ /2
3 ≤ V
+ ≤ 18V
10
9
6
11
VIN
1µF
1µF
VOUT
1/2 LTC6943
7
12
14
15
6943 • TA03
0.01µF
VOUT = –VIN ±2ppm
V< VIN < V
+
V+ = +5V, V= –5V
10
9
6
11
VIN
1µF
1µF
VOUT = –VIN
1/2 LTC6943
7
12
14
15
TYPICAL APPLICATIO S
6943 • AI05
CS
OUTSIDE FOIL
PRINTED CIRCUIT
BOARD AREA
LTC6943
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com