Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6943IGN
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6943IGN Datasheet HTML 8Page - Linear Technology LTC6943IGN Datasheet HTML 9Page - Linear Technology LTC6943IGN Datasheet HTML 10Page - Linear Technology LTC6943IGN Datasheet HTML 11Page - Linear Technology LTC6943IGN Datasheet HTML 12Page - Linear Technology LTC6943IGN Datasheet HTML 13Page - Linear Technology LTC6943IGN Datasheet HTML 14Page - Linear Technology LTC6943IGN Datasheet HTML 15Page - Linear Technology LTC6943IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC6943
13
6943f
Battery Powered Relative Humidity Sensor Signal Conditioner
9
6943 TA17
+
–
A1
LT1006
4.7k
LT1004
1.2V
0.1
+9
1.8k*
90%
TRIM
10k
2.32k*
5%
TRIM
500Ω
100pF
LTC6943
0.1µF
22M
SENSOR
10pF
3
15
+9
+9
OUTPUT
0-1.00V =
0-100% RH
*
SENSOR
= 1% FILM RESISTOR
= POLYPROPYLENE
= PANAMETRICS TYPE RHS
= 76% 1.7pF/RH
RH%
CAPACITANCE
5
25
50
75
90
379.3pF
413.3pF
455.8pF
498.3pF
523.8pF
0.1
0.1
11
12
16
13
2
10
7
6
45
1
≤
≤
≤
500pF AT RH
SENSOR RESPONSE
TYPICAL APPLICATIO S
6943 TA20
5V
5V
+
–
A1
LTC1050
INTEGRATOR
–
+
C1
LT1671
RESET
COMPARATOR
300pF
300k*
4V
OUT
0% TO 100% RH =
0Hz TO 1kHz
5V
5V
Q
L
Q
= 1% METAL FILM RESISTOR
= WIMA, TYPE MKP-2
= PANAMETRICS MC-2
= 196.7pF
= 227.8pF
0.31pF/RH
*
†
SENSOR
0% RH
100% RH
1000pF
†
BAT85
Q1
VN2222L
562k*
4V
1k*
13.3k*
100k
RH = 25% TRIM
(204.5pF)
110k*
1N5712
200Ω
TO ALL 4V
POINTS
LT1634
4V
5V
20k
RH = 100% TRIM
(227.8pF)
SD
10k
6
11
7
12
9
10
14
15
3
4V
4V
4V
SENSOR
CHARGE
PUMP
LTC6943
1µF
0.1µF
1µF
4V
GND
LTC1799
CLOCK
RSET
OUT
VIN
80.6k*
10k
1N4148
125kHz
O1
+V
5V Powered, Frequency Output, Relative Humidity Sensor Signal Conditioner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com