Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6943IGN
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC6943IGN Datasheet HTML 1Page - Linear Technology LTC6943IGN Datasheet HTML 2Page - Linear Technology LTC6943IGN Datasheet HTML 3Page - Linear Technology LTC6943IGN Datasheet HTML 4Page - Linear Technology LTC6943IGN Datasheet HTML 5Page - Linear Technology LTC6943IGN Datasheet HTML 6Page - Linear Technology LTC6943IGN Datasheet HTML 7Page - Linear Technology LTC6943IGN Datasheet HTML 8Page - Linear Technology LTC6943IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6943
1
6943f
■ Low Power, IS = 60µA(Max)
■ Robust, Latch Up Proof
■ Instrumentation Front End with 120dB CMRR
■ Precise, Charge-Balanced Switching
■ Operates from 5V to 18V
■ Internal or External Clock
■ Operates up to 5MHz Clock Rate
■ Two Independent Sections with One Clock
■ Tiny SSOP-16 Package
The LTC
®6943 is a monolithic, charge-balanced, dual
switched capacitor instrumentation building block. A pair
of switches alternately connects an external capacitor to
an input voltage and then connects the charged capacitor
across an output port. The internal switches have a
break-before-make action. An internal clock is provided
and its frequency can be adjusted with an external
capacitor. The LTC6943 can also be driven with an external
CMOS clock.
The LTC6943, when used with low clock frequencies,
provides ultra precision DC functions without requiring
precise external components. Such functions are
differential voltage to single-ended conversion, voltage
inversion, voltage multiplication and division by 2, 3, 4, 5,
etc.
The LTC6943 is manufactured using Linear Technology’s
enhanced LTCMOS
TM silicon gate process, and it is func-
tionally compatible with the LTC1043.
Micropower, Dual Precision
Instrumentation Switched
Capacitor Building Block
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
■ Ultra Precision Voltage Inverters, Multipliers
and Dividers
■ V–F and F–V Converters
■ Sample-and-Hold
■ Current Sources
■ Precision Instrumentation Amplifiers
Precision Voltage Controlled Current Source
with Ground Referred Input and Output
Precision Current Sensing in Supply Rails
TYPICAL APPLICATIO
LTCMOS is a trademark of Linear Technology Corporation.
FEATURES
APPLICATIO S
6943 • TA01a
1µF
0.68µF
1k
1k
1µF
1/2 LTC6943
6
11
15
5
4
3
2
1
–
+
LTC2050
3
12
14
0.001µF
10
9
7
5V
5V
INPUT
0V TO 3.7V
IOUT =
VIN
1000Ω
OPERATES FROM A
SINGLE 5V SUPPLY
6943 • TA01b
0.01µF
9
POSITIVE OR
NEGATIVE RAIL
10
11
6
1µF
RSHUNT
I
1/2 LTC6943
12
7
14
15
1µF
E
E
E
RSHUNT
I =


Similar Part No. - LTC6943IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6943 LINER-LTC6943_15 Datasheet
249Kb / 16P
Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
More results

Similar Description - LTC6943IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1043 LINER-LTC1043 Datasheet
1Mb / 16P
Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
Dual Precision Intrumentation Switched-Capacitor Building Block?
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LT1043 LINER-LT1043 Datasheet
1Mb / 16P
DUAL PRECISION INSTRUMENTATION SWITCHED CAPACITOR BUILDING BLOCK
LTC1043 LINER-LTC1043_09 Datasheet
235Kb / 16P
Dual Precision Instrumentation Switched Capacitor Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LTC1043 LINER-LTC1043_15 Datasheet
240Kb / 16P
Dual Precision Instrumentation Switched Capacitor Building Block
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
LTC6943 LINER-LTC6943_15 Datasheet
249Kb / 16P
Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com