Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6943IGN
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC6943IGN Datasheet HTML 1Page - Linear Technology LTC6943IGN Datasheet HTML 2Page - Linear Technology LTC6943IGN Datasheet HTML 3Page - Linear Technology LTC6943IGN Datasheet HTML 4Page - Linear Technology LTC6943IGN Datasheet HTML 5Page - Linear Technology LTC6943IGN Datasheet HTML 6Page - Linear Technology LTC6943IGN Datasheet HTML 7Page - Linear Technology LTC6943IGN Datasheet HTML 8Page - Linear Technology LTC6943IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6943
4
6943f
Oscillator Frequency, fOSC
vs Ambient Temperature
(Test Circuits 2 through 4)
TYPICAL PERFOR A CE CHARACTERISTICS
Break-Before-Make Time, tNOV,
vs Supply Voltage
COSC Pin ISINK, ISOURCE
vs Supply Voltage
0
0
25
50
75
100
246
8
LTC1043 • TPC11
10
12
14
16
18
ISINK, TA = 25°C
ISOURCE, TA = –55°C
ISOURCE, TA = 25°C
ISINK, TA = 125°C
ISOURCE, TA = 125°C
ISINK, TA = –55°C
VSUPPLY (V)
0
10
20
40
50
60
80
2
10
14
LTC1043 • TPC12
30
70
8
18 20
4
6
12
16
TA = 25°C
BLOCK DIAGRA
6943 • BD01
10
9
2
1
CB
CB
+
V+
THE SWITCHES ARE TIMED AS SHOWN WITH PIN 14 HIGH
THE CHARGE BALANCING CIRCUITRY SAMPLES THE VOLTAGE
AT S3 WITH RESPECT TO S4 (PIN 14 HIGH) AND INJECTS A
SMALL CHARGE AT THE C+ PIN (PIN 14 LOW).
THIS BOOSTS THE CMRR WHEN THE LTC6943 IS USED AS AN
INSTRUMENTATION AMPLIFIER FRONT END.
FOR MINIMUM CHARGE INJECTION IN OTHER TYPES OF
APPLICATIONS, S3A AND S3B SHOULD BE GROUNDED
V
CHARGE
BALANCING
CIRCUITRY
NON-OVERLAPPING
CLOCK
OSCILLATOR
8
CHARGE
BALANCING
CIRCUITRY
CA
CA
+
SHA
COSC
S1A 6
11
5
16
14
3
15
7
12
13
4
S4A
S1B
S2B
S4B
V+
V
S2A
S3B
S3A
TEMPERATURE (°C)
–50
350
300
250
200
150
100
50
0
25
75
6943 TPC10
–25
0
50
100
125
VS = 5V
VS = 15V
VS = 10V
COSC = 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com