Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6943IGN
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6943IGN Datasheet HTML 6Page - Linear Technology LTC6943IGN Datasheet HTML 7Page - Linear Technology LTC6943IGN Datasheet HTML 8Page - Linear Technology LTC6943IGN Datasheet HTML 9Page - Linear Technology LTC6943IGN Datasheet HTML 10Page - Linear Technology LTC6943IGN Datasheet HTML 11Page - Linear Technology LTC6943IGN Datasheet HTML 12Page - Linear Technology LTC6943IGN Datasheet HTML 13Page - Linear Technology LTC6943IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC6943
10
6943f
Voltage Controlled Current Source with Ground Referred Input and Output
6943 • TA11
7
12
1µF
100Ω
VIN
100Ω
INPUT
0V TO 2V
IOUT =
1/2 LTC6943
11
14
10
9
6
1k
4
1
8
5V
2
3
1µF
0.001µF
OPERATES FROM A SINGLE 5V SUPPLY
0.68µF
5V
3
+
15
1/2 LT1013
TYPICAL APPLICATIO S
Lock-In Amplifier (= Extremely Narrow-Band Amplifier)
6943 • TA13
11
1/4 LTC6943
T1 = TF5SX17ZZ, TOROTEL
RT = YSI THERMISTOR 44006
≈ 6.19k AT 37.5°C
MATCH 0.05%
6.19k = VISHAY S-102
OPERATE LTC6943 WITH
±5V SUPPLIES
LOCK-IN AMPLIFIER TECHNIQUE
USED TO EXTRACT VERY SMALL
SIGNALS BURIED INTO NOISE
5V
–5V
2
6.19k
100k
10k*
10k*
100Ω
0.01µF47µF
6.19k
1
4
3
6.19k
T1
500Hz
SINE DRIVE
THERMISTOR BRIDGE
IS THE SIGNAL SOURCE
SYNCHRONOUS
DEMODULATOR
RT
3
6
+
LT1007
5V
5V
–5V
ZERO CROSSING DETECTOR
2
3
4
1
8
1k
0.002
PHASE TRIM
50k
10k
7
5V
–5V
3
2
1M
1µF
+
LT1056
5V
–5V
2
3
4
6
+
LT1012
VOUT = 1000 • DC
BRIDGE SIGNAL
10
12
14
+
LT1011
*
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com