Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6943IGN
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6943IGN Datasheet HTML 4Page - Linear Technology LTC6943IGN Datasheet HTML 5Page - Linear Technology LTC6943IGN Datasheet HTML 6Page - Linear Technology LTC6943IGN Datasheet HTML 7Page - Linear Technology LTC6943IGN Datasheet HTML 8Page - Linear Technology LTC6943IGN Datasheet HTML 9Page - Linear Technology LTC6943IGN Datasheet HTML 10Page - Linear Technology LTC6943IGN Datasheet HTML 11Page - Linear Technology LTC6943IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6943
8
6943f
Precision Multiply by 3
Divide by 3
6943 • TA06
0.01µF
VOUT = 3VIN ±10ppm
0 < VIN < V
+/3
3V < V+ < 18V
10
9
6
11
VIN
VOUT
1µF
1µF
LTC6943
7
12
14
15
3
2
1µF
4
13
1µF
5
16
6943 • TA07
0.01µF
VOUT = VIN/3 ±3ppm
0 ≤ VIN ≤ V
+
10
9
6
11
VIN
VOUT
VOUT
1µF
LTC6943
12
14
15
3
2
1µF
4
13
1µF
1µF
5
16
7
0.01% V/F Converter
TYPICAL APPLICATIO S
6943 • TA08
–5V
–5V
30pF
22k
330k
1µF
Q1
2N2907A
5V
5V
–5V
LT1009
2.5V
1µF
1k
fOUT: 0kHz TO 30kHz
6
7
11
VIN
0V TO 3V
1µF
0.01µF*
1/2 LTC6943
14
3
10
9
12
15
+
6.19k**
GAIN
2.5k
LT1056
*POLYPROPYLENE
**1% FILM RESISTOR
2
3
4
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com