Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867LIGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1867LIGN
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867LIGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1867LIGN Datasheet HTML 1Page - Linear Technology LTC1867LIGN Datasheet HTML 2Page - Linear Technology LTC1867LIGN Datasheet HTML 3Page - Linear Technology LTC1867LIGN Datasheet HTML 4Page - Linear Technology LTC1867LIGN Datasheet HTML 5Page - Linear Technology LTC1867LIGN Datasheet HTML 6Page - Linear Technology LTC1867LIGN Datasheet HTML 7Page - Linear Technology LTC1867LIGN Datasheet HTML 8Page - Linear Technology LTC1867LIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1863L/LTC1867L
1
1863L7Lf
APPLICATIO S
BLOCK DIAGRA
FEATURES
DESCRIPTIO
■ Industrial Process Control
■ High Speed Data Acquisition
■ Battery Operated Systems
■ Multiplexed Data Acquisition Systems
■ Imaging Systems
■ Sample Rate: 175ksps
■ 16-Bit No Missing Codes and ±3LSB Max INL
■ 8-Channel Multiplexer with:
Single Ended or Differential Inputs and
Unipolar or Bipolar Conversion Modes
■ SPI/MICROWIRE
TM Serial I/O
■ 2.7V Guaranteed Supply Voltage
■ Pin Compatible with LTC1863/LTC1867
■ True Differential Inputs
■ On-Chip or External Reference
■ Low Power: 750µA at 175ksps, 300µA at 50ksps
■ Sleep Mode
■ Automatic Nap Mode Between Conversions
■ 16-Pin Narrow SSOP Package
Micropower, 3V,
12-/16-Bit, 8-Channel
175ksps ADCs
The LTC
®1863L/LTC1867L are pin compatible, 8-channel
12-/16-bit A/D converters with serial I/O and an internal
reference.
The 8-channel input multiplexer can be configured for
either single-ended or differential inputs and unipolar or
bipolar conversions (or combinations thereof). The ADCs
convert 0V to 2.5V unipolar inputs or ±1.25V bipolar
inputs. The ADCs typically draw only 750µA from a single
2.7V supply. The automatic nap and sleep modes benefit
power sensitive applications.
The LTC1867L’s DC performance is outstanding with a
±3LSB INL specification and 16-bit no missing codes over
temperature.
Housed in a compact, narrow 16-pin SSOP package, the
LTC1863L/LTC1867L can be used in space-sensitive as
well as low power applications.
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
VDD
GND
SDI
SDO
SCK
CS/CONV
VREF
1863L7L BD
SERIAL
PORT
ANALOG
INPUT
MUX
REFCOMP
9
INTERNAL
1.25V REF
LTC1863L/LTC1867L
12-/16-BIT
175ksps
ADC
+
–
Integral Nonlinearity vs Output Code
(LTC1867L)
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OUTPUT CODE
0
0
0.5
1.0
65536
1863L7L G01
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
VDD = 2.7V
fSAMPLE = 175ksps


Similar Part No. - LTC1867LIGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1867L LINER-LTC1867L_15 Datasheet
426Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
More results

Similar Description - LTC1867LIGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1863 LINER-LTC1863 Datasheet
315Kb / 16P
12-/16-Bit, 8-Channel 200ksps ADCs
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Analog Devices
AD7466 AD-AD7466_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7467 AD-AD7467_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468 AD-AD7468_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
logo
Linear Technology
LTC1863L LINER-LTC1863L_15 Datasheet
426Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1867L LINER-LTC1867L_15 Datasheet
426Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1863 LINER-LTC1863_15 Datasheet
466Kb / 18P
12-/16-Bit, 8-Channel 200ksps ADCs
LTC1867 LINER-LTC1867_15 Datasheet
466Kb / 18P
12-/16-Bit, 8-Channel 200ksps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com