Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867LIGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1867LIGN
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867LIGN Datasheet(HTML) 2 Page - Linear Technology

  LTC1867LIGN Datasheet HTML 1Page - Linear Technology LTC1867LIGN Datasheet HTML 2Page - Linear Technology LTC1867LIGN Datasheet HTML 3Page - Linear Technology LTC1867LIGN Datasheet HTML 4Page - Linear Technology LTC1867LIGN Datasheet HTML 5Page - Linear Technology LTC1867LIGN Datasheet HTML 6Page - Linear Technology LTC1867LIGN Datasheet HTML 7Page - Linear Technology LTC1867LIGN Datasheet HTML 8Page - Linear Technology LTC1867LIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1863L/LTC1867L
2
1863L7Lf
CO VERTER CHARACTERISTICS
Supply Voltage (VDD) ................................... –0.3V to 6V
Analog Input Voltage
CH0-CH7/COM (Note 3) .......... – 0.3V to (VDD + 0.3V)
VREF, REFCOMP (Note 4)......... –0.3V to (VDD + 0.3V)
Digital Input Voltage (SDI, SCK, CS/CONV)
(Note 4) .................................................– 0.3V to 10V
Digital Output Voltage (SDO) ....... – 0.3V to (VDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1863LC/LTC1867LC/LTC1867LAC .... 0°C to 70°C
LTC1863LI/LTC1867LI/LTC1867LAI .. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
TJMAX = 110°C, θJA = 95°C/W
LTC1863LCGN
LTC1863LIGN
LTC1867LCGN
LTC1867LIGN
LTC1867LACGN
LTC1867LAIGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 2)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 2.7V, external VREF = 1.25V (Notes 5, 6)
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM
VDD
GND
SDI
SDO
SCK
CS/CONV
VREF
REFCOMP
LTC1863L
LTC1867L
LTC1867LA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
●
12
16
16
Bits
No Missing Codes
●
12
15
16
Bits
Integral Linearity Error
Unipolar (Note 7)
●
±1
±4
±3
LSB
Bipolar
●
±1
±4
±3
LSB
Differential Linearity Error
●
±1
–2
–1
LSB
Transition Noise
0.1
1.6
1.6
LSBRMS
Offset Error
Unipolar (Note 8)
●
±3
±32
±32
LSB
Bipolar
●
±4
±64
±64
LSB
Offset Error Match
Unipolar
±1
±4
±3
LSB
Bipolar
±1
±4
±3
LSB
Offset Error Drift
±0.5
±0.5
±0.5
ppm/°C
Gain Error
Unipolar
±6
±96
±64
LSB
Bipolar
±6
±96
±64
LSB
Gain Error Match
Unipolar
±1
±4
±3
LSB
Bipolar
±1
±4
±3
LSB
Gain Error Tempco
Internal Reference
±20
±20
±20
ppm/°C
External Reference
±3
±3
±3
ppm/°C
Power Supply Sensitivity
VDD = 2.7V – 3.6V
±1
±3
±3
LSB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
GN PART MARKING
1863L
1863LI
1867L*
VDD = 3V, external VREF = 1.25V (Note 5)
DY A IC ACCURACY
LTC1863L
LTC1867L/LTC1867LA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
1kHz Input Signal
73.2
83.3
dB
S/(N+D)
Signal-to-(Noise + Distortion) Ratio
1kHz Input Signal
73.1
82.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com