Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867LIGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1867LIGN
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867LIGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1867LIGN Datasheet HTML 7Page - Linear Technology LTC1867LIGN Datasheet HTML 8Page - Linear Technology LTC1867LIGN Datasheet HTML 9Page - Linear Technology LTC1867LIGN Datasheet HTML 10Page - Linear Technology LTC1867LIGN Datasheet HTML 11Page - Linear Technology LTC1867LIGN Datasheet HTML 12Page - Linear Technology LTC1867LIGN Datasheet HTML 13Page - Linear Technology LTC1867LIGN Datasheet HTML 14Page - Linear Technology LTC1867LIGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1863L/LTC1867L
11
1863L7Lf
used since these components can add distortion. NPO and
silver mica type dielectric capacitors have excellent linear-
ity. Carbon surface mount resistors can also generate
distortion from self heating and from damage that may
occur during soldering. Metal film surface mount resis-
tors are much less susceptible to both problems.
DC Performance
One way of measuring the transition noise associated with
a high resolution ADC is to use a technique where a DC
signal is applied to the input of the ADC and the resulting
output codes are collected over a large number of conver-
sions. For example, in Figure 2 the distribution of output
codes is shown for a DC input that had been digitized 4096
times. The distribution is Gaussian and the RMS code
transition noise is about 1.6LSB.
APPLICATIO S I FOR ATIO
Figure 2. LTC1867L Histogram for 4096 Conversions
Figure 3a. LTC1867L Nonaveraged 4096 Point
FFT Plot with 2.7V Supply
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 3a shows a typical SINAD of 81.4dB with
a 175kHz sampling rate and a 1kHz input. Higher SINAD can
be obtained with a 3V supply. For example, when an exter-
nal 3V is applied to REFCOMP (tie VREF to GND), a SINAD
of 83.5dB can be achieved as shown in Figure 3b.
Figure 3b. LTC1867L Nonaveraged 4096 Point
FFT Plot with 3V Supply
CODE
20
7
0
200
400
600
800
1200
22
24
26
28
1863L7L G12
30
21
23
25
27
29
31
1000
58
465
1044
895
830
261
23 9 1
170
333
VDD = 2.7V
INTERNAL REF
Dynamic Performance
FFT (Fast Fourier Transform) test techniques are used to
test the ADC’s frequency response, distortion and noise at
the rated throughput. By applying a low distortion sine
wave and analyzing the digital output using an FFT algo-
rithm, the ADC’s spectral content can be examined for
frequencies outside the fundamental.
Signal-to-Noise Ratio
The Signal-to-Noise and Distortion Ratio (SINAD) is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
FREQUENCY (kHz)
0
–60
–40
0
65.625
1863L7L G03
–80
–100
21.875
43.75
87.5
–120
–140
–20
fSAMPLE = 175ksps
fIN = 1kHz
SNR = 82.9dB
SINAD = 81.4dB
THD = 86.8dB
FREQUENCY (kHz)
0
–60
–40
0
65.625
1863L7L F03b
–80
–100
21.875
43.75
87.5
–120
–140
–20
fSAMPLE = 175ksps
fIN = 1kHz
SNR = 84.7dB
SINAD = 83.5dB
THD = 90dB
REFCOMP = EXT 3V
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com