Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867LIGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1867LIGN
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867LIGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1867LIGN Datasheet HTML 2Page - Linear Technology LTC1867LIGN Datasheet HTML 3Page - Linear Technology LTC1867LIGN Datasheet HTML 4Page - Linear Technology LTC1867LIGN Datasheet HTML 5Page - Linear Technology LTC1867LIGN Datasheet HTML 6Page - Linear Technology LTC1867LIGN Datasheet HTML 7Page - Linear Technology LTC1867LIGN Datasheet HTML 8Page - Linear Technology LTC1867LIGN Datasheet HTML 9Page - Linear Technology LTC1867LIGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1863L/LTC1867L
6
1863L7Lf
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
(LTC1863L/LTC1867L)
Differential Nonlinearity
vs Output Code (LTC1863L)
Integral Nonlinearity
vs Output Code (LTC1863L)
Histogram for 4096 Conversions
(LTC1867L)
REFCOMP vs Load Current
SUPPLY VOLTAGE (V)
2.7
600
700
800
900
1000
1200
3
3.3
1963L7L G10
3.6
1100
fSAMPLE = 175ksps
TEMPERATURE (°C)
–50
500
750
1000
1250
1500
–25
0
25
50
1863L7L G11
75
100
3.6VDD
3.3VDD
2.7VDD
3VDD
fSAMPLE = 175ksps
INTERNAL REF
CODE
20
7
0
200
400
600
800
1200
22
24
26
28
1863L7L G12
30
21
23
25
27
29
31
1000
58
465
1044
895
830
261
23 9 1
170
333
VDD = 2.7V
INTERNAL REF
LOAD CURRENT (mA)
0
2.495
2.500
2.510
1.5
1863L7L G13
2.490
2.485
0.5
1
2
2.480
2.475
2.505
VDD = 2.7V
Offset Drift (LTC1867L)
vs Temperature
TEMPERATURE (°C)
–50
–10
–5
0
5
10
–25
0
25
50
1863L7L G14
75
100
BIPOLAR
MODE
UNIPOLAR
MODE
VDD = 2.7V
fSAMPLE = 175ksps
EXT VREF = 1.25V
Gain Error Drift (LTC1867L)
vs Temperature
TEMPERATURE (°C)
–50
–15
–10
–5
0
5
15
–25
025
50
1863L7L G15
75
100
10
VDD = 2.7V
fSAMPLE = 175ksps
EXT VREF = 1.25V
UNIPOLAR/BIPOLAR
CODE
0
0
0.50
4096
1863L7L G16
–0.50
–1.00
1024
2048
3072
512
1536
2560
3584
1.00
–0.25
0.25
–0.75
0.75
CODE
0
0
0.50
4096
1863L7L G17
–0.50
–1.00
1024
2048
3072
512
1536
2560
3584
1.00
–0.25
0.25
–0.75
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com