Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867LIGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1867LIGN
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867LIGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1867LIGN Datasheet HTML 1Page - Linear Technology LTC1867LIGN Datasheet HTML 2Page - Linear Technology LTC1867LIGN Datasheet HTML 3Page - Linear Technology LTC1867LIGN Datasheet HTML 4Page - Linear Technology LTC1867LIGN Datasheet HTML 5Page - Linear Technology LTC1867LIGN Datasheet HTML 6Page - Linear Technology LTC1867LIGN Datasheet HTML 7Page - Linear Technology LTC1867LIGN Datasheet HTML 8Page - Linear Technology LTC1867LIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1863L/LTC1867L
5
1863L7Lf
TYPICAL PERFOR A CE CHARACTERISTICS
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
4096 Points FFT Plot
(VDD = 2.7V, Internal REF)
4096 Points FFT Plot
(VDD = 3V, REFCOMP = Ext 3V)
Crosstalk vs Input Frequency
Signal-to-(Noise + Distortion)
Ratio vs Input Frequency
Power Supply Feedthrough
vs Ripple Frequency
(LTC1867L)
Supply Current vs fSAMPLE
(LTC1863L/LTC1867L)
FREQUENCY (kHz)
0
–60
–40
0
65.625
1863L7L G03
–80
–100
21.875
43.75
87.5
–120
–140
–20
fSAMPLE = 175ksps
fIN = 1kHz
SNR = 82.9dB
SINAD = 81.4dB
THD = 86.8dB
FREQUENCY (kHz)
0
–60
–40
0
65.625
1863L7L G04
–80
–100
21.875
43.75
87.5
–120
–140
–20
fSAMPLE = 175ksps
fIN = 1kHz
SNR = 84.7dB
SINAD = 83.5dB
THD = 90dB
fSAMPLE (ksps)
1
500
600
700
800
10
100
1000
1863L7L G09
400
300
200
100
VDD = 2.7V
ACTIVE CHANNEL INPUT FREQUENCY (kHz)
–120
–100
–90
–70
–60
0.1
10
100
1000
1863L7L G05
–140
1
–80
–110
–130
VDD = 3V
fSAMPLE = 175ksps
ADJACENT PAIR
NONADJACENT
PAIR
INPUT FREQUENCY (kHz)
1
20
40
60
100
10
100
1863L7L G06
80
30
50
90
70
VDD = 3V
INTERNAL REF
fSAMPLE = 175ksps
SNR
SINAD
Total Harmonic Distortion
vs Input Frequency
INPUT FREQUENCY (kHz)
1
–20
–40
–60
–100
10
100
1863L7L G06
–80
–30
–50
–90
–70
VDD = 3V
INTERNAL REF
fSAMPLE = 175ksps
THD
SFDR
RIPPLE FREQUENCY (kHz)
1
–60
–40
–20
10
100
1000
1863L7L G08
–80
–70
–50
–30
–90
–100
VDD = 3V
fSAMPLE = 175ksps
VRIPPLE = 10mVP-P
OUTPUT CODE
0
0
0.5
1.0
65536
1863L7L G01
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
VDD = 2.7V
fSAMPLE = 175ksps
OUTPUT CODE
0
0
0.5
1.0
65536
1863L7L G02
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
VDD = 2.7V
fSAMPLE = 175ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com