Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867LIGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1867LIGN
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867LIGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1867LIGN Datasheet HTML 8Page - Linear Technology LTC1867LIGN Datasheet HTML 9Page - Linear Technology LTC1867LIGN Datasheet HTML 10Page - Linear Technology LTC1867LIGN Datasheet HTML 11Page - Linear Technology LTC1867LIGN Datasheet HTML 12Page - Linear Technology LTC1867LIGN Datasheet HTML 13Page - Linear Technology LTC1867LIGN Datasheet HTML 14Page - Linear Technology LTC1867LIGN Datasheet HTML 15Page - Linear Technology LTC1867LIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC1863L/LTC1867L
12
1863L7Lf
compensation pin, REFCOMP, must be bypassed with a
10µF ceramic or tantalum in parallel with a 0.1µF ceramic
for best noise performance.
Digital Interface
The LTC1863L and LTC1867L have a very simple digital
interface that is enabled by the control input, CS/CONV. A
logic rising edge applied to the CS/CONV input will initiate
a conversion. After the conversion, taking CS/CONV low
will enable the serial port and the ADC will present digital
data in two’s complement format in bipolar mode or
straight binary format in unipolar mode, through the SCK/
SDO serial port.
Internal Clock
The internal clock is factory trimmed to achieve a typical
conversion time of 3.2µs and a maximum conversion
time, 3.7µs, over the full operating temperature range. The
typical acquisition time is 1.68µs, and a throughput sam-
pling rate of 175ksps is tested and guaranteed.
Automatic Nap Mode
The LTC1863L and LTC1867L go into automatic nap mode
when CS/CONV is held high after the conversion is com-
plete. With a typical operating current of 750µA and auto-
matic 170µA nap mode between conversions, the power
dissipation drops with reduced sample rate. The ADC only
keeps the VREFand REFCOMPvoltagesactivewhenthepart
is in the automatic nap mode. The slower the sample rate
allows the power dissipation to be lower (see Figure 5).
R2
R3
REFERENCE
AMP
10µF
2.2µF
REFCOMP
GND
VREF
R1
3k
10
9
15
1.25V
2.5V
LTC1863L/LTC1867L
1863L7L F04a
BANDGAP
REFERENCE
10
0.1µF
10µF
1863L7L F04b
LT1790A-1.25
VOUT
VIN
3V
VREF
LTC1863L/
LTC1867L
GND
REFCOMP
15
9
+
2.2µF
band between DC and half the sampling frequency. THD is
expressed as:
THD
VVV
V
V
N
=
++
+
20
2
2
3
2
4
22
1
log
...
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through Nth harmonics.
Internal Reference
The LTC1863L and LTC1867L have an on-chip, tempera-
ture compensated, curvature corrected, bandgap refer-
ence that is factory trimmed to 1.25V. It is internally
connected to a reference amplifier and is available at VREF
(Pin 10). A 3k resistor is in series with the output so that
it can be easily overdriven by an external reference if
better drift and/or accuracy are required as shown in
Figure 4. The reference amplifier gains the VREF voltage by
2x to 2.5V at REFCOMP (Pin 9). This reference amplifier
Figure 4b. Using the LT1790A-1.25 as an External Reference
Figure 4a. LT1867L Reference Circuit
APPLICATIO S I FOR ATIO
Figure 5. Supply Current vs fSAMPLE
fSAMPLE (ksps)
1
500
600
700
800
10
100
1000
1863L7L G09
400
300
200
100
VDD = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com