Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2053_1 Datasheet HTML 3Page - Linear Technology LTC2053_1 Datasheet HTML 4Page - Linear Technology LTC2053_1 Datasheet HTML 5Page - Linear Technology LTC2053_1 Datasheet HTML 6Page - Linear Technology LTC2053_1 Datasheet HTML 7Page - Linear Technology LTC2053_1 Datasheet HTML 8Page - Linear Technology LTC2053_1 Datasheet HTML 9Page - Linear Technology LTC2053_1 Datasheet HTML 10Page - Linear Technology LTC2053_1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2053/LTC2053-SYNC
7
2053syncfb
TYPICAL PERFOR A CE CHARACTERISTICS
Error Due to Input RS Mismatch
vs Input Common Mode
(CIN >1µF)
Error Due to Input RS Mismatch
vs Input Common Mode
(CIN >1µF)
Error Due to Input RS Mismatch
vs Input Common Mode
(CIN >1µF)
Offset Voltage vs Temperature
VOS vs REF (Pin 5)
VOS vs REF (Pin 5)
Gain Nonlinearity, G = 1
Gain Nonlinearity, G = 10
CMRR vs Frequency
–50
80
60
40
20
0
–20
–40
–60
–80
TEMPERATURE (°C)
100
2053 G22
050
–25
25
75
125
VS = 3V
VS = ±5V
VS = 5V
VREF (V)
0
30
20
10
0
–10
–20
–30
2053 G23
1
2
34
VS = 3V
VS = 5V
VIN+ = VIN– = REF
G = 10
TA = 25°C
02
4
59
13
6
7
8
VREF (V)
60
40
20
0
–20
–40
–60
2053 G24
VS = 10V
VIN+ = VIN– = REF
G = 10
TA = 25°C
OUTPUT VOLTAGE (V)
–2.4
10
8
6
4
2
0
–2
–4
–6
–8
–10
–1.4
–0.4
0.1
2053 G25
–1.9
–0.9
0.6
1.1
1.6
VS = ±2.5V
VREF = 0V
G = 1
RL = 10k
TA = 25°C
OUTPUT VOLTAGE (V)
–2.4
10
8
6
4
2
0
–2
–4
–6
–8
–10
–1.4
–0.4
2053 G26
0.6
1.6
2.6
VS = ±2.5V
VREF = 0V
G = 10
RL = 10k
TA = 25°C
INPUT COMMON MODE VOLTAGE (V)
2053 G19
200
150
100
50
0
–50
–100
–150
–200
0
0.5
1.0
1.5
2.0
2.5
3.0
VS = 3V
VREF = 0V
TA = 25°C
+
–
R+
R–
BIG CIN
R+ = 0k, R– = 1k
R+ =1k, R– = 0k
R+ = 0k, R– = 500Ω
R+ = 0k, R– = 100Ω
R+ = 500Ω, R
– = 0k
R+ = 100Ω, R
– = 0k
INPUT COMMON MODE VOLTAGE (V)
2053 G20
200
150
100
50
0
50
–100
–150
–200
0
0
1
23
4
5
VS = 5V
VREF = 0V
TA = 25°C
R+ = 0k, R– = 1k
R+ =1k, R– = 0k
R+ = 0k, R– = 500Ω
R+ = 0k, R– = 100Ω
R+ = 500Ω, R
– = 0k
R+ = 100Ω, R
– = 0k
FREQUENCY (Hz)
1
130
120
110
100
90
80
70
10
100
1000
2053 G27
VS = 3V, 5V, ±5V
VIN = 1VP-P
R+ = R– = 1k
R+ = R– = 10k
R+ = 10k, R– = 0k
+
–
R+
R–
R+ = 0k, R– = 10k
–5
–3
–1
1
3
5
INPUT COMMON MODE VOLTAGE (V)
2053 G21
150
100
50
0
–50
–100
–150
VS = ±5V
VREF = 0V
TA = 25°C
R+ = 0k, R– = 1k
R+ =1k, R– = 0k
R+ = 0k, R– = 100Ω
R+ = 0k, R– = 500Ω
R+ = 100Ω, R
– = 0k
R+ = 500Ω, R
– = 0k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com