Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2053_1 Datasheet HTML 5Page - Linear Technology LTC2053_1 Datasheet HTML 6Page - Linear Technology LTC2053_1 Datasheet HTML 7Page - Linear Technology LTC2053_1 Datasheet HTML 8Page - Linear Technology LTC2053_1 Datasheet HTML 9Page - Linear Technology LTC2053_1 Datasheet HTML 10Page - Linear Technology LTC2053_1 Datasheet HTML 11Page - Linear Technology LTC2053_1 Datasheet HTML 12Page - Linear Technology LTC2053_1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2053/LTC2053-SYNC
9
2053syncfb
–
+
ZERO-DRIFT
OP AMP
CH
OUT
2053 BD
4
V–
5
REF
6
RG
8
V+
1
EN/CLK*
3
+IN
2
–IN
CS
7
*NOTE: PIN 1 IS EN ON THE LTC2053 AND CLK ON THE LTC2053-SYNC.
EN (Pin 1, LTC2053 Only): Active Low Enable Pin.
CLK (Pin 1, LTC2053-SYNC Only): Clock input for
synchronizing to external system clock.
–IN (Pin 2): Inverting Input.
+IN (Pin 3): Noninverting Input.
V– (Pin 4): Negative Supply.
REF (Pin 5): Voltage Reference (VREF) for Amplifier Output.
PI FU CTIO S
RG (Pin 6): Inverting Input of Internal Op Amp. With a
resistor, R2, connected between the OUT pin and the RG
pin and a resistor, R1, between the RG pin and the REF pin,
the DC gain is given by 1 + R2 / R1.
OUT (Pin 7): Amplifier Output.
VOUT = GAIN (V+IN – V–IN) + VREF
V+ (Pin 8): Positive Supply.
BLOCK DIAGRA
APPLICATIO S I FOR ATIO
Theory of Operation
The LTC2053 uses an internal capacitor (CS) to sample a
differential input signal riding on a DC common mode
voltage (see Block Diagram). This capacitor’s charge is
transferred to a second internal hold capacitor (CH) trans-
lating the common mode of the input differential signal to
that of the REF pin. The resulting signal is amplified by a
zero-drift op amp in the noninverting configuration. The
RG pin is the negative input of this op amp and allows
external programmability of the DC gain. Simple filtering
can be realized by using an external capacitor across the
feedback resistor.
Input Voltage Range
The input common mode voltage range of the LTC2053 is
rail-to-rail. However, the following equation limits the size
of the differential input voltage:
V– ≤ (V+IN – V–IN) + VREF ≤ V+ – 1.3
Where V+IN and V–IN are the voltages of the +IN and –IN
pins respectively, VREF is the voltage at the REF pin and V+
is the positive supply voltage.
For example, with a 3V single supply and a 0V to 100mV
differential input voltage, VREF must be between 0V and
1.6V.
±5 Volt Operation
When using the LTC2053 with supplies over 5.5V, care
must be taken to limit the maximum difference between
any of the input pins (+IN or –IN) and the REF pin to 5.5V;
if not, the device will be damaged. For example, if rail-to-
rail input operation is desired when the supplies are at
±5V, the REF pin should be 0V, ±0.5V. As a second
example, if V+ is 10V and V– and REF are at 0V, the inputs
should not exceed 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com