Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2053_1 Datasheet HTML 4Page - Linear Technology LTC2053_1 Datasheet HTML 5Page - Linear Technology LTC2053_1 Datasheet HTML 6Page - Linear Technology LTC2053_1 Datasheet HTML 7Page - Linear Technology LTC2053_1 Datasheet HTML 8Page - Linear Technology LTC2053_1 Datasheet HTML 9Page - Linear Technology LTC2053_1 Datasheet HTML 10Page - Linear Technology LTC2053_1 Datasheet HTML 11Page - Linear Technology LTC2053_1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2053/LTC2053-SYNC
8
2053syncfb
TYPICAL PERFOR A CE CHARACTERISTICS
Input Voltage Noise Density vs
Frequency
Input Referred Noise in 10Hz
Bandwidth
Input Referred Noise in 10Hz
Bandwidth
Output Voltage Swing vs Output
Current
Output Voltage Swing vs Output
Current
Supply Current vs Supply Voltage
Low Gain Settling Time vs
Settling Accuracy
Settling Time vs Gain
Internal Clock Frequency vs
Supply Voltage
FREQUENCY (Hz)
1
300
250
200
150
100
50
0
10
100
1000
10000
2053 G28
G = 10
TA = 25°C
VS = ±5V
VS = 5V
VS = 3V
TIME (s)
0
3
2
1
0
–1
–2
–3
246
8
2053 G29
10
VS = 3V
TA = 25°C
TIME (s)
0
3
2
1
0
–1
–2
–3
246
8
2053 G30
10
VS = 5V
TA = 25°C
OUTPUT CURRENT (mA)
0.01
0.1
110
2053 G31
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TA = 25°C
VS = 5V, SOURCING
VS = 3V, SOURCING
VS = 5V, SINKING
VS = 3V, SINKING
SOURCING
SINKING
OUTPUT CURRENT (mA)
0.01
0.1
110
2053 G32
5
4
3
2
1
0
–1
–2
–3
–4
–5
VS = ±5V
TA = 25°C
SUPPLY VOLTAGE (V)
2.5
10.5
2053 G33
4.5
6.5
8.5
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
TA = –55°C
TA = 85°C
TA = 125°C
TA = 0°C
SETTLING ACCURACY (%)
0.0001
2053 G34
0.001
0.01
0.1
8
7
6
5
4
3
2
1
0
VS = 5V
dVOUT = 1V
G < 100
TA = 25°C
GAIN (V/V)
1
35
30
25
20
15
10
5
0
10
100
1000
10000
2053 G35
VS = 5V
dVOUT = 1V
0.1% ACCURACY
TA = 25°C
SUPPLY VOLTAGE (V)
2.5
10.5
2053 G36
4.5
6.5
8.5
3.40
3.35
3.30
3.25
3.20
3.15
3.10
TA = –55°C
TA = 85°C
TA = 125°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com