Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2053_1 Datasheet HTML 8Page - Linear Technology LTC2053_1 Datasheet HTML 9Page - Linear Technology LTC2053_1 Datasheet HTML 10Page - Linear Technology LTC2053_1 Datasheet HTML 11Page - Linear Technology LTC2053_1 Datasheet HTML 12Page - Linear Technology LTC2053_1 Datasheet HTML 13Page - Linear Technology LTC2053_1 Datasheet HTML 14Page - Linear Technology LTC2053_1 Datasheet HTML 15Page - Linear Technology LTC2053_1 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC2053/LTC2053-SYNC
12
2053syncfb
TYPICAL APPLICATIO S
Precision Doubler
(General Purpose)
Precision Inversion
(General Purpose)
2053 TA04
–
+
1
4
5
6
7
5V
LTC2053
8
3
2
0.1µF
0.1µF
0.1µF
–5V
VIN
VOUT
VOUT = 2VIN
VIN
2053 TA05
–
+
1
4
5
6
7
5V
LTC2053
8
3
2
0.1µF
0.1µF
–5V
VOUT
VOUT = –VIN
2053 TA03
–
+
1
1
4
4
5
6
7
8V
LTC2053
8
8
3
2
2
0.1µF
1µF
0.1µF
1k
2.5V
(110nV/√Hz)
LT1027
–5
VOUT
VC
2053 TA02
1
4
5
6
7
5V
8
3
2
0.1µF
0.1µF
2.7k
10k
R
i
LOAD
VC
R
i = — , i ≤ 5mA
0 < VOUT < (5V – VC)
–
+
LTC2053
REF
EN
RG
Precision ÷2
(Low Noise 2.5V Reference)
Precision Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com