Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2053_1 Datasheet HTML 8Page - Linear Technology LTC2053_1 Datasheet HTML 9Page - Linear Technology LTC2053_1 Datasheet HTML 10Page - Linear Technology LTC2053_1 Datasheet HTML 11Page - Linear Technology LTC2053_1 Datasheet HTML 12Page - Linear Technology LTC2053_1 Datasheet HTML 13Page - Linear Technology LTC2053_1 Datasheet HTML 14Page - Linear Technology LTC2053_1 Datasheet HTML 15Page - Linear Technology LTC2053_1 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2053/LTC2053-SYNC
13
2053syncfb
2053 TA06
–
+
–
–
+
+
5V
5V
5V
100Ω
SCALE FACTOR
TRIM
10mV/°C
249k
1%
1k
1%
1
2
3
4
5
6
7
8
0.1µF
0.001µF
0.001µF
0.1µF
10k
10k
1M
1M
10M
10M
EN
YELLOW
ORANGE
0°C → 500°C
TYPE K
THERMOCOUPLE
(40.6µV/°C)
LT1025
VO
R–
2
3
3
46
1
2
4
5
200k
LTC2053
REF
RG
THERMAL
COUPLING
0.1µF
LTC2050
–
+
LTC2053
LOAD
VREG
0.0015Ω
ILOAD
0.1µF
0.1µF
10k
150Ω
2
3
1,4
5
6
7
8
OUT
100mV/A
OF LOAD
CURRENT
2053 TA07
High Side Power Supply Current Sense
Differential Thermocouple Amplifier
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com